Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation SC810 Datasheet HTML 15Page - Semtech Corporation SC810 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC810
12
Figures 2a and 2b show low and high resistance ranges,
respectively.
Termination
When the battery voltage reaches V
CV, the SC810 transi-
tions from constant current regulation to constant voltage
regulation. While V
BAT
is regulated to V
CV
, the current into
the battery decreases as the battery becomes fully
charged. When the output current drops below the termi-
nation threshold current, fixed at 10% of the programmed
fast-charge current, charging terminates. Upon termina-
tion, the STATB pin open drain output turns off and the
charger either enters monitor state or float-charges the
battery, depending on the logical state of the ENB input
pin.
Charger output current is the sum of the battery charge
current and the system load current. Battery charge
current changes gradually, and establishes a slowly dimin-
ishing lower bound on the output current while charging
in CV mode. The load current into a typical digital system
is highly transient in nature. Charge cycle termination is
detected when the sum of the battery charging current
and the greatest load current occurring within the imme-
diate 300μs to 550μs past interval is less than the pro-
grammed termination current. This timing behavior
permits charge cycle termination to occur during a brief
low-load-current interval, and does not require that the
longer interval average load current be small.
Applications Information (continued)
Termination threshold current accuracy is dominated by
offset error. The range of expected termination current
versus programming resistance is shown in Figures 3a
and 3b. The figures show the nominal termination current
versus nominal R
IPRGM
resistance as the center plot and
two theoretical limit plots indicating maximum and
minimum current versus nominal programming resis-
tance. These plots are derived from models of the
expected worst-case contribution of error sources
depending on programmed current. The current range
includes the uncertainty due to a 1% tolerance resistor.
The dots on each plot indicate the currents obtained with
the EIA E96 standard value 1% tolerance resistors. Figures
3a and 3b show low and high resistance ranges,
respectively.
Enable Input
The ENB pin is a tri-level logical input that allows selec-
tion of the following behaviors:
charging enabled with float-charging
after termination (ENB = low range)
charging enabled with float-charging dis-
abled and battery monitoring at termina-
tion (ENB = mid range)
charging disabled (ENB = high range).
The ENB pin is designed to interface to a processor GPIO
port powered from a peripheral supply voltage as low as
22.5
33.5
44.5
55.5
66.5
7
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
R
IPRGM
(kΩ), R-tol = 1%
Figure 3a — Termination Current Tolerance versus
Programming Resistance, Low Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
R
IPRGM
(kΩ), R-tol = 1%
Figure 3b — Termination Current Tolerance versus
Programming Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com