Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 9Page - Semtech Corporation SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation SC810 Datasheet HTML 15Page - Semtech Corporation SC810 Datasheet HTML 16Page - Semtech Corporation SC810 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SC810
13
Applications Information (continued)
1.8V or as high as a fully charged battery. While a con-
nected GPIO port is configured as an output, the proces-
sor writes 0 to select ENB low-range, and 1 to select
high-range. The GPIO port is configured as an input to
select mid-range.
ENB can also be permanently grounded to select low-
range or left unconnected to select mid-range if it will not
be necessary to change the level selection.
The equivalent circuit looking into the ENB pin is a vari-
able resistance, minimum 15kΩ, to an approximately 1V
source. The input will float to mid range whenever the
external driver sinks or sources less than 5μA, a common
worst-case characteristic of a high impedance or a weak
pull-up or pull-down GPIO configured as an input. The
driving GPIO must be able to sink at least 25μA or source
at least 50μA to ensure a low or high state, respectively.
(See the Electrical Characteristics table.)
With the ENB input voltage permitted to float to mid-
range, the charger is enabled but it will turn off its output
following charge termination and will enter the monitor
state. This state is explained in the next section. Mid-
range can be selected either by floating the input (sourc-
ing or sinking less than 5μA) or by being externally forced
such that V
ENB
falls within the midrange limits specified in
the Electrical Characteristics table.
While driven low (V
ENB
< Max V
IL
), the charger is enabled
and will continue to float-charge the battery following
termination. If the charger is already in monitor state fol-
lowing a previous termination, it will exit the monitor state
and begin float-charging.
While ENB is driven high (V
ENB
> Min V
IH
), the charger is dis-
abled and the ENB input pin enters a high impedance state,
suspending tri-level functionality. The specified high level
input current I
IH
is required only until a high level is recog-
nized by the SC810 internal logic. The tri-level float circuitry
is then disabled and the ENB input becomes high imped-
ance. Once forced high, the ENB pin will not float to mid
range. To restore tri-level operation, the ENB pin must first
be pulled down to mid or low range (at least to
V
ENB
< Max V
IM
), then, if desired, released (by reconfiguring
the GPIO as an input) to select mid-range. If the ENB GPIO
has a weak pull-down when configured as an input, then it
is unnecessary to drive ENB low to restore tri-level opera-
tion; simply configure the GPIO as an input. When the ENB
selection changes from high-range to mid- or low-range, a
new charge cycle begins and STATB goes low.
Note that if a GPIO with a weak pull-up input configura-
tion is used, its pull-up current will flow from the GPIO into
the ENB pin while it is floating to mid-range. Since the
GPIO is driving a 1V equivalent voltage source through a
resistance (looking into ENB), this current is small — pos-
sibly less than 1
μA. Nevertheless, this current is drawn
from the GPIO peripheral power supply and, therefore,
from the battery after termination. See the next section,
Monitor State for more information. For this reason, it is
preferable that the GPIO chosen to operate the ENB pin
should provide a true high impedance (CMOS) configura-
tion or a weak pull-down when configured as an input.
When pulled below the float voltage, the ENB pin output
current is sourced from VIN (the charging adapter), not
from the battery.
Monitor State
If the ENB pin is floating, the charger output and STATB pin
will turn off and the device will enter the monitor state
when a charge cycle is complete. If the battery voltage
falls below the re-charge threshold (V
CV
- V
ReQ
) while in the
monitor state, the charger will automatically initiate a re-
charge cycle. The battery leakage current during monitor
state is no more than 1
μA over temperature and typically
less than 0.1
μA at room temperature.
While in the monitor state, the ENB tri-level input pin
remains fully active, and although in midrange, is sensitive
to both high and low levels. The SC810 can be forced from
the monitor state (no float-charging) directly to float-
charging operation by driving ENB low. This operation will
turn on the charger output, but will not assert the STATB
output. If the ENB pin is again allowed to float to mid-
range, the charger will remain on only until the output
current becomes less than the termination current, and
charging terminates. The SC810 turns off its charging
output and returns to the monitor state within a millisec-
ond. This forced re-charge behavior is useful for periodi-
cally testing the battery state-of-charge and topping-off
the battery, without float-charging and without requiring
the battery to discharge to the automatic re-charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com