Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5305LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5305LS
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5305LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5305LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O3101TS KT/61598TS (KOTO) TA-1239 No.5884-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
Inverter Lighting Applications
Ordering number:ENN5884A
2SC5305LS
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2079D
[2SC5305]
Features
· High breakdown voltage (VCBO=1200V).
· High reliability (Adoption of HVP process).
· Adoption of MBIT process.
˚C
Tc=25˚C
˚C
Electrical Characteristics at Ta=25˚C
SANYO:TO-220FI (LS)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
2
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
6V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
9V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
6A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
2
1A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
2W
5
3W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
0
6
=
E 0
=0
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
S
E
C
V E
C
R
,
V
0
0
2
1
=
E
B
0
=0
.
1A
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
o
t
c
e
ll
o
CV
)
s
u
s
(
O
E
C
IC
I
,
A
m
0
0
1
=
B 0
=0
0
6V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
9
=
C 0
=0
.
1A
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
0
.
3
=
B
A
6
.
0
=0
.
1V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
0
.
3
=
B
A
6
.
0
=5
.
1V
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
3
.
0
=0
30
40
5
h E
F 2V E
C
I
,
V
5
=
C
A
5
.
2
=0
1
e
m
i
T
e
g
a
r
o
t
St g
t
s
IC
I
,
A
5
.
3
=
1
B
I
,
A
6
.
0
=
2
B
A
2
.
1
–
=5
.
2s
µ
e
m
i
T
ll
a
Ftf
IC
I
,
A
5
.
3
=
1
B
I
,
A
6
.
0
=
2
B
A
2
.
1
–
=5
1
.
0s
µ
1:Base
2:Collector
3:Emitter
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2


Similar Part No. - 2SC5305LS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5305 UTC-2SC5305 Datasheet
159Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
Inchange Semiconductor ...
2SC5305 ISC-2SC5305 Datasheet
95Kb / 2P
isc Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC5305 UTC-2SC5305 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
2SC5305 NJSEMI-2SC5305 Datasheet
123Kb / 2P
Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
More results

Similar Description - 2SC5305LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
Inverter-controlled Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
Inverter Lighting Applications
2SC5265LS SANYO-2SC5265LS Datasheet
37Kb / 4P
Inverter-Controlled Lighting Applications
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
TS7920 SANYO-TS7920 Datasheet
40Kb / 4P
For Inverter Lighting Equipment
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com