Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5305LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5305LS
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5305LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5305LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5305LS
No.5884-3/4
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
1.0
35
2
35
7
0.1
72
2
3
5
7
10
2
3
5
7
1.0
2
3
5
7
0.1
2
3
10
35
7
2
100
1000
35
7
23
5
7
2
Forward Bias A S O
SW Time - I B2
P
C =35W
VCC= 200V
IC=3A
IB1= 0.6A
R load
tf
tstg
PT< 50
µs
I C=6A
I CP=12A
Tc=25
°C
1pulse
CC
Collector–to–Emitter Voltage, VCE –V
Base Current, IB2 –A
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
20
10
30
35
40
0
0.5
2.0
1.5
1.0
2.5
PC - Ta
PC - Tc
Reverse Bias A S O
0.1
1.0
2
3
5
10
7
2
3
5
7
2
3
5
100
7
1000
23
5
52
7
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
Collector-to-Emitter Voltage, VCE –V
No
heat
sink
L=200
µH
IB2=– 1A
Tc=25˚C
1pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com