Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5305LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5305LS
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5305LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5305LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5305LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5305LS
No.5884-2/4
2
3
5
7
10
1.0
2
3
5
7
100
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
4
6
10
8
0
1
2
3
4
5
6
7
0
35
7
0.1
35
7
1.0
23
5
7
10
2
2
3
5
7
1.0
0.1
2
3
5
7
10
35
7
0.1
35
7
1.0
23
5
7
10
2
2
3
5
7
1.0
2
3
5
7
0.1
0.01
2
3
5
7
10
35
7
0.1
35
7
1.0
23
5
7
10
2
1.0
0.1
35
7
10
2
35
7
72
02
4
6
8
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
hFE - I C
I C - VCE
I C - VBE
VCE(sat) - I C
VBE(sat) - I C
SW Time - I C
IB= 0
2.0A
0.2A
0.4A
0.6A
0.8A
1.0A
1.2A
1.4A
1.6A
VCE=5V
25°C
-40°C
Ta = 120°C
VCE=5V
IC/ IB=5
IC/IB=5
120°C
Ta = -40
°C
25°C
VCC =200V
IC/ IB1=5
IB2/ IB1=2
R load
tf
tstg
1.8A
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC – A
Collector Current, IC –A
Collector Current, IC – A
Collector Current, IC –A
IB1
IB2
VOUT
RC
VCC
IB1
0.1 VOUT
IB2
VOUT
tstg
tf
0.9 VOUT
Switching Time Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com