Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2677B Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 4 Page - Semtech Corporation

  SC2677B Datasheet HTML 1Page - Semtech Corporation SC2677B Datasheet HTML 2Page - Semtech Corporation SC2677B Datasheet HTML 3Page - Semtech Corporation SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
d
l
o
h
s
e
r
h
T
f
f
o
g
n
i
h
c
t
a
L
e
g
a
t
l
o
V
r
e
d
n
U
0
60
70
8%
e
g
n
a
R
y
c
n
e
u
q
e
r
F
r
o
t
a
l
l
i
c
s
O
0
0
30
0
0
1z
H
k
y
c
n
e
u
q
e
r
F
r
o
t
a
l
l
i
c
s
OR
T
E
S
m
h
o
k
5
=0
5
40
0
50
5
5z
H
k
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
l
l
i
c
s
OF
C
S
O
z
H
k
0
0
5
=6
80
9%
1
H
D
d
n
a
2
H
D
f
o
g
n
i
s
a
h
PV
G
N
I
S
A
H
P
V
5
8
5
.
0
=0
8
1°
t
n
e
r
r
u
C
k
n
i
S
H
DV
5
.
3
=
D
N
G
P
-
H
D7
.
1A
t
n
e
r
r
u
C
k
n
i
S
H
DV
5
.
2
=
D
N
G
P
-
H
D5
8
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
H
DV
5
7
.
3
=
H
D
-
H
T
S
B7
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
H
DV
3
=
H
D
-
H
T
S
B5
8
.
0A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
3
=
G
N
G
P
-
L
D7
.
1A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
2
=
D
N
G
P
-
L
D5
8
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
7
.
3
=
L
D
-
L
T
S
B7
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
3
=
L
D
-
L
T
S
B5
8
.
0A
e
m
i
T
n
o
m
u
m
i
n
i
M
H
D0
o
t
0
4
-
o
C0
0
3s
n
e
m
i
T
d
a
e
D5
e
t
o
N0
55
80
2
1s
n
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
t
f
o
S
)
2
(
0
5A
μ
e
l
b
a
n
E
t
r
a
t
S
t
f
o
Se
l
c
y
c
y
t
u
d
%
00
0
4V
m
d
n
E
t
r
a
t
S
t
f
o
Se
l
c
y
c
y
t
u
d
%
0
0
15
2
8V
m
d
l
o
h
s
e
r
h
T
n
o
i
t
i
s
n
a
r
T
t
r
a
t
S
t
f
o
S
)
2
(
e
d
o
m
s
u
o
n
o
r
h
c
n
y
S2
2
.
1V
d
l
o
h
s
e
r
h
T
p
i
r
T
P
C
O
8
23
37
3V
m
e
m
i
T
y
a
l
e
D
P
C
O
w
o
l
H
D
o
t
n
o
i
t
c
e
t
e
d
P
C
O
m
o
r
F0
0
2S
n
)
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
(
t
e
s
f
f
O
t
u
p
n
I
3
-
/
+V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
-
2
S
C
,
+
2
S
C
,
-
1
S
C
,
+
1
S
C0
0
1A
n
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
PV
T
U
O
p
u
g
n
i
p
m
a
r%
3
8%
8
8%
3
9V
T
U
O
n
w
o
D
l
l
u
P
d
o
o
G
r
e
w
o
PA
m
2
=
t
n
e
r
r
u
C
k
n
i
S4
.
0V
Notes:
Notes:
Notes:
Notes:
Notes:
(1) Measured from 50% to 50% pulse amplitude.
(2) The soft start pin sources 50μA to an external capacitor. The converter operates in synchronous mode
above the soft start transition threshold and in asynchronous mode below it.
(4) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(5) 120ns maximum at 70°C.
Unless Specified: V
CC = 4.75 to 5.25V, GND = PGND = 0V, FB = VO, TJ = 25°C, VBSTC = VBST = 12V
(6) Under pulsing condition, the negative voltage can be -5V for no more than 40ns measured from 50% falling to 50% rising.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com