Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2677B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 1 Page - Semtech Corporation

  SC2677B Datasheet HTML 1Page - Semtech Corporation SC2677B Datasheet HTML 2Page - Semtech Corporation SC2677B Datasheet HTML 3Page - Semtech Corporation SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2677B
Dual Synchronous Voltage Mode
Controller with Current Sharing Circuitry
Features
Revision: Dec. 04, 2009
The SC2677B is a versatile 2 phase, synchronous, voltage
mode PWM controller that can be used in two distinct ways.
First, the SC2677B is ideal for applications where point of
use output power exceeds any single input power budget.
Alternatively, the SC2677B can be configured as a dual
switcher. The SC2677B features a precise temperature
compensated voltage reference, cycle-by-cycle peak cur-
rent limit, under voltage lockout over current protection,
and internal level-shifted high-side gate drive circuitry.
In current sharing configuration, the SC2677B can pro-
duce a single output voltage from two separate input volt-
age sources (which can be different in voltage levels) while
maintaining current sharing between the two channels.
Current sharing is programmable to allow each input sup-
ply to be loaded differently per application requirements.
In dual switcher configuration, two feedback paths are pro-
vided for independent control of the separate outputs. The
device will provide a regulated output from flexibly config-
ured inputs, such as 3.3V, 5V, 12V etc. The phasing be-
tween the two switchers is adjustable to minimize the in-
put and output ripple.
300kHz to 1MHz externally programmable
frequency operation
Soft Start and Enable function
Power Good output provided
Cycle-by-cycle peak current limit
Latch off for over current protection
Phase-shifted switchers minimize ripple
High efficiency operation, >90%
Programmable output(s) as low as 0.5V
Industrial temperature range
TSSOP-24 package
TSSOP-24 EDP package
Bias voltage as low as 4.5V
Adjustable phase shift between channels
Two Phase, Current Sharing Controller
Flexible, same or separate V
IN
Programmable current sharing
Thermal distribution via multi-phase output
Graphics cards
Peripheral add-in card
Dual-Phase power supply
Power supplies requiring two outputs
CS1+
CS2+
C6
M5
C62
D1
CS1+
R20
C39
R49
R5
C63
M7
PW RGD
Vout2
R48
R21
D3
D2
C4
C25
M3
C38
CS2-
CS2-
R8
L1
1
2
D4
C36
C23
C19
CS1-
L2
1
2
U1
SC2677B
C26
R18
R19
C57
CS1-
R50
Vin
R10
C28
ENABLE
C33
Vout1
CS2+
R13
M1
R14
C43
C59
R51
Dual Independent outputs
Typical Application Schematic
Description
Applications


Similar Part No. - SC2677B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-1 SEMTECH-SC2677BEVB-1 Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-2 SEMTECH-SC2677BEVB-2 Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BITSTRT SEMTECH-SC2677BITSTRT Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BTETRT SEMTECH-SC2677BTETRT Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC2677B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com