Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2677B Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2677B Datasheet HTML 9Page - Semtech Corporation SC2677B Datasheet HTML 10Page - Semtech Corporation SC2677B Datasheet HTML 11Page - Semtech Corporation SC2677B Datasheet HTML 12Page - Semtech Corporation SC2677B Datasheet HTML 13Page - Semtech Corporation SC2677B Datasheet HTML 14Page - Semtech Corporation SC2677B Datasheet HTML 15Page - Semtech Corporation SC2677B Datasheet HTML 16Page - Semtech Corporation SC2677B Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
Load Current vs. Vcs1+to Vout1
0
5
10
15
20
25
30
35
40
01
234
56
7
Load Current (A)
3.3V OCP
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
01
23
4
5
6
LoadCurrent (A)
Load Current vs.Vcs2+ to Vout2
0
5
10
15
20
25
30
35
40
01
2
3
4
5
6
Load Current (A)
5V OCP
0.0
1.0
2.0
3.0
4.0
5.0
6.0
012
34567
LoadCurrent (A)
O ve ra ll S yste m Efficie n cy
80
82
84
86
88
90
92
94
96
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Loa d ing (A)
Io1+Io2
Performance (Dual output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com