Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5501 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5501
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5501 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5501 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5501
No.6221–3/6
S Parameters (Common emitter)
VCE=2V, IC=1mA, ZO=50Ω
400
500
600
200
100
300
0
0
160
140
120
100
80
60
40
20
PC -- Ta
Ambient Temperature, Ta –
°C
IT00643
Mounted
on
a
ceramic
board
(250mm
2
×
0.8mm)
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
7
9
.
04
.
0
2
–3
4
4
.
25
.
2
6
13
4
0
.
09
.
5
73
8
9
.
07
.
8
–
0
0
20
5
9
.
04
.
9
3
–7
5
2
.
27
.
7
4
19
7
0
.
00
.
3
60
4
9
.
06
.
6
1
–
0
0
46
0
9
.
08
.
2
7
–7
4
8
.
15
.
4
2
12
3
1
.
09
.
2
43
5
8
.
08
.
8
2
–
0
0
62
5
8
.
01
.
2
0
1
–6
1
0
.
28
.
3
0
15
5
1
.
08
.
8
20
8
7
.
07
.
5
3
–
0
0
89
0
8
.
04
.
4
2
1
–3
1
7
.
16
.
8
86
5
1
.
06
.
8
14
0
7
.
06
.
3
4
–
0
0
0
16
9
7
.
09
.
9
3
1
–9
9
2
.
17
.
4
75
6
1
.
05
.
1
14
9
6
.
02
.
8
4
–
0
0
2
14
6
7
.
00
.
5
5
1
–7
8
2
.
16
.
3
62
5
1
.
08
.
63
5
6
.
07
.
4
5
–
0
0
4
14
4
7
.
03
.
7
6
1
–3
1
2
.
10
.
4
55
4
1
.
08
.
36
6
6
.
02
.
9
5
–
0
0
6
14
3
7
.
03
.
7
7
1
–9
8
0
.
17
.
5
49
3
1
.
06
.
02
0
7
.
09
.
3
6
–
0
0
8
12
2
7
.
03
.
3
7
19
2
9
.
06
.
6
31
3
1
.
01
.
2
–9
0
7
.
02
.
9
6
–
0
0
0
21
1
7
.
09
.
4
6
11
9
7
.
05
.
8
28
1
1
.
01
.
47
0
7
.
08
.
4
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
1
9
.
02
.
0
3
–5
3
9
.
69
.
5
5
11
4
0
.
02
.
1
76
4
9
.
06
.
6
1
–
0
0
20
7
8
.
03
.
4
5
–1
3
7
.
58
.
9
3
10
7
0
.
06
.
5
56
2
8
.
05
.
9
2
–
0
0
45
6
7
.
01
.
0
0
1
–2
1
1
.
55
.
3
1
18
9
0
.
08
.
6
34
3
6
.
07
.
4
4
–
0
0
63
0
7
.
01
.
9
2
1
–9
6
0
.
47
.
5
99
0
1
.
05
.
8
24
4
5
.
02
.
0
5
–
0
0
87
7
6
.
03
.
7
4
1
–0
5
2
.
33
.
3
82
1
1
.
08
.
4
21
8
4
.
08
.
5
5
–
0
0
0
15
4
6
.
05
.
3
6
1
–8
6
7
.
24
.
2
74
1
1
.
08
.
3
27
4
4
.
01
.
0
6
–
0
0
2
15
3
6
.
09
.
3
7
1
–6
6
3
.
25
.
3
64
1
1
.
02
.
5
24
4
4
.
02
.
4
6
–
0
0
4
14
2
6
.
09
.
6
7
18
6
0
.
24
.
5
59
1
1
.
01
.
5
21
4
4
.
06
.
8
6
–
0
0
6
13
2
6
.
05
.
9
6
14
9
7
.
15
.
8
42
2
1
.
09
.
4
22
6
4
.
03
.
2
7
–
0
0
8
16
1
6
.
08
.
1
6
11
3
6
.
11
.
1
47
2
1
.
08
.
8
29
4
4
.
07
.
7
7
–
0
0
0
23
0
6
.
04
.
4
5
12
7
4
.
17
.
4
35
3
1
.
05
.
0
34
7
4
.
04
.
1
8
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com