Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5501 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5501
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5501 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5501 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5501
No.6221–4/6
VCE=2V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
2
8
.
07
.
4
4
–4
6
9
.
3
13
.
7
4
16
3
0
.
09
.
2
65
5
8
.
09
.
8
2
–
0
0
20
3
7
.
02
.
4
8
–9
6
9
.
1
12
.
6
2
15
5
0
.
09
.
7
45
5
6
.
07
.
5
4
–
0
0
42
4
6
.
08
.
9
2
1
–2
7
9
.
77
.
1
0
11
7
0
.
06
.
7
30
3
4
.
07
.
0
6
–
0
0
63
0
6
.
01
.
4
5
1
–3
5
7
.
54
.
7
88
7
0
.
05
.
7
32
4
3
.
05
.
6
6
–
0
0
83
9
5
.
07
.
7
6
1
–3
1
4
.
41
.
8
77
8
0
.
07
.
8
34
0
3
.
09
.
0
7
–
0
0
0
14
8
5
.
05
.
7
7
1
–8
4
5
.
36
.
9
67
9
0
.
03
.
9
35
8
2
.
08
.
4
7
–
0
0
2
17
7
5
.
02
.
4
7
13
8
9
.
24
.
2
66
0
1
.
08
.
0
42
8
2
.
08
.
8
7
–
0
0
4
11
7
5
.
08
.
6
6
14
7
5
.
24
.
5
58
1
1
.
08
.
1
40
8
2
.
05
.
3
8
–
0
0
6
16
6
5
.
07
.
9
5
13
8
2
.
25
.
9
40
3
1
.
01
.
2
43
9
2
.
05
.
6
8
–
0
0
8
16
6
5
.
00
.
4
5
17
2
0
.
28
.
2
41
4
1
.
09
.
1
41
0
3
.
05
.
0
9
–
0
0
0
20
6
5
.
00
.
8
4
14
3
8
.
18
.
6
36
5
1
.
00
.
1
41
1
3
.
05
.
4
9
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
7
7
.
00
.
6
5
–2
5
2
.
8
14
.
2
4
13
3
0
.
02
.
0
66
9
7
.
09
.
5
3
–
0
0
25
7
6
.
01
.
9
9
–0
9
5
.
4
18
.
9
1
18
4
0
.
03
.
6
49
5
5
.
03
.
4
5
–
0
0
44
0
6
.
02
.
2
4
1
–7
0
9
.
82
.
7
90
6
0
.
00
.
2
41
6
3
.
08
.
7
6
–
0
0
64
8
5
.
09
.
0
6
1
–9
4
1
.
63
.
5
81
7
0
.
06
.
2
42
8
2
.
03
.
4
7
–
0
0
85
7
5
.
04
.
3
7
1
–0
2
7
.
46
.
6
72
8
0
.
00
.
5
49
4
2
.
00
.
9
7
–
0
0
0
18
6
5
.
03
.
7
7
12
0
8
.
35
.
8
64
9
0
.
06
.
6
40
4
2
.
03
.
2
8
–
0
0
2
12
6
5
.
07
.
9
6
13
0
2
.
38
.
1
66
0
1
.
08
.
6
49
3
2
.
03
.
6
8
–
0
0
4
18
5
5
.
02
.
3
6
18
3
7
.
22
.
5
50
2
1
.
06
.
6
43
4
2
.
02
.
0
9
–
0
0
6
15
5
5
.
01
.
7
5
10
0
4
.
25
.
9
44
3
1
.
02
.
6
41
5
2
.
09
.
3
9
–
0
0
8
11
5
5
.
06
.
0
5
11
7
1
.
24
.
3
48
4
1
.
05
.
5
44
6
2
.
09
.
6
9
–
0
0
0
29
4
5
.
03
.
5
4
10
5
9
.
17
.
7
34
6
1
.
00
.
4
42
7
2
.
07
.
0
0
1
–
VCE=5V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
7
9
.
02
.
9
1
–6
1
3
.
21
.
4
6
12
3
0
.
08
.
7
77
8
9
.
02
.
7
–
0
0
29
5
9
.
00
.
7
3
–2
9
3
.
27
.
9
4
11
6
0
.
03
.
5
68
4
9
.
01
.
4
1
–
0
0
47
1
9
.
06
.
9
6
–7
0
0
.
27
.
7
2
13
0
1
.
00
.
6
48
8
8
.
07
.
2
2
–
0
0
69
6
8
.
02
.
7
9
–4
9
8
.
15
.
8
0
12
2
1
.
03
.
2
37
1
8
.
04
.
0
3
–
0
0
86
2
8
.
03
.
0
2
1
–3
4
7
.
19
.
2
98
2
1
.
00
.
2
27
4
7
.
09
.
6
3
–
0
0
0
16
0
8
.
09
.
6
3
1
–2
2
4
.
15
.
9
71
3
1
.
04
.
5
13
6
7
.
02
.
0
4
–
0
0
2
14
7
7
.
03
.
2
5
1
–5
4
3
.
11
.
8
67
2
1
.
06
.
99
3
7
.
05
.
5
4
–
0
0
4
14
5
7
.
06
.
4
6
1
–6
0
2
.
10
.
8
53
2
1
.
05
.
54
3
7
.
03
.
0
5
–
0
0
6
15
4
7
.
08
.
4
7
1
–6
5
0
.
14
.
9
41
1
1
.
04
.
67
4
7
.
00
.
5
5
–
0
0
8
10
2
7
.
06
.
4
7
15
0
0
.
11
.
1
41
0
1
.
03
.
53
9
7
.
03
.
9
5
–
0
0
0
24
1
7
.
03
.
6
6
12
1
8
.
07
.
2
33
9
0
.
04
.
1
15
7
7
.
06
.
4
6
–
VCE=2V, IC=7mA, ZO=50Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com