Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5501 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5501
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5501 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5501 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5501 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5501
No.6221–5/6
VCE=5V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
3
9
.
08
.
5
2
–6
2
1
.
77
.
7
5
11
3
0
.
03
.
2
79
5
9
.
04
.
2
1
–
0
0
24
6
8
.
05
.
2
5
–1
2
5
.
62
.
1
4
14
5
0
.
00
.
8
54
6
8
.
01
.
3
2
–
0
0
40
9
7
.
04
.
1
9
–8
2
1
.
58
.
7
1
10
8
0
.
08
.
0
40
9
6
.
07
.
5
3
–
0
0
65
0
7
.
06
.
3
2
1
–6
2
4
.
49
.
8
96
8
0
.
00
.
3
39
0
6
.
01
.
0
4
–
0
0
88
5
6
.
01
.
5
4
1
–0
3
7
.
36
.
5
81
9
0
.
07
.
8
28
5
5
.
02
.
4
4
–
0
0
0
16
4
6
.
06
.
7
5
1
–3
5
9
.
24
.
5
75
9
0
.
01
.
7
21
2
5
.
00
.
8
4
–
0
0
2
18
2
6
.
06
.
9
6
1
–2
4
5
.
24
.
6
67
9
0
.
05
.
6
26
1
5
.
06
.
1
5
–
0
0
4
13
1
6
.
05
.
9
7
1
–1
2
2
.
29
.
7
58
9
0
.
05
.
9
26
1
5
.
05
.
5
5
–
0
0
6
17
0
6
.
02
.
2
7
14
7
9
.
12
.
1
52
0
1
.
08
.
2
38
2
5
.
04
.
9
5
–
0
0
8
17
0
6
.
08
.
4
6
17
9
6
.
16
.
3
45
0
1
.
07
.
3
34
3
5
.
07
.
3
6
–
0
0
0
29
9
5
.
05
.
7
5
18
7
5
.
19
.
6
33
1
1
.
04
.
6
37
2
5
.
02
.
8
6
–
VCE=5V, IC=7mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
4
8
.
02
.
9
3
–3
0
0
.
4
13
.
0
5
18
2
0
.
09
.
5
66
8
8
.
04
.
2
2
–
0
0
28
4
7
.
03
.
4
7
–2
0
5
.
2
19
.
9
2
14
4
0
.
09
.
0
52
1
7
.
02
.
5
3
–
0
0
47
3
6
.
09
.
0
2
1
–9
8
6
.
81
.
5
0
19
5
0
.
02
.
1
45
1
5
.
00
.
5
4
–
0
0
66
8
5
.
05
.
6
4
1
–5
9
3
.
62
.
0
96
6
0
.
03
.
0
43
2
4
.
03
.
8
4
–
0
0
89
6
5
.
06
.
1
6
1
–0
3
9
.
42
.
0
83
7
0
.
05
.
1
47
8
3
.
09
.
0
5
–
0
0
0
16
5
5
.
08
.
2
7
1
–0
9
9
.
37
.
1
72
8
0
.
02
.
2
43
7
3
.
07
.
3
5
–
0
0
2
11
5
5
.
03
.
8
7
18
3
3
.
32
.
4
60
9
0
.
05
.
4
47
6
3
.
02
.
7
5
–
0
0
4
13
4
5
.
04
.
0
7
12
8
8
.
22
.
7
50
0
1
.
09
.
5
43
6
3
.
02
.
1
6
–
0
0
6
19
3
5
.
02
.
3
6
14
5
5
.
22
.
1
51
1
1
.
08
.
6
44
7
3
.
07
.
4
6
–
0
0
8
17
3
5
.
07
.
6
5
15
7
2
.
29
.
4
42
2
1
.
08
.
6
44
8
3
.
06
.
8
6
–
0
0
0
22
3
5
.
05
.
0
5
15
5
0
.
26
.
8
34
3
1
.
01
.
6
40
9
3
.
06
.
2
7
–
VCE=5V, IC=20mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
6
6
.
01
.
2
7
–2
7
5
.
9
27
.
4
3
12
2
0
.
08
.
6
59
2
7
.
01
.
6
3
–
0
0
22
7
5
.
07
.
6
1
1
–2
1
2
.
0
24
.
2
1
11
3
0
.
01
.
9
46
9
4
.
02
.
8
4
–
0
0
47
2
5
.
07
.
1
5
1
–7
9
2
.
1
17
.
3
92
4
0
.
05
.
2
55
2
3
.
04
.
2
5
–
0
0
64
1
5
.
07
.
7
6
1
–8
1
7
.
73
.
3
84
5
0
.
04
.
5
53
7
2
.
06
.
3
5
–
0
0
81
1
5
.
08
.
7
7
1
–4
3
8
.
59
.
5
76
6
0
.
04
.
7
58
5
2
.
07
.
5
5
–
0
0
0
16
0
5
.
01
.
4
7
17
7
6
.
47
.
8
60
8
0
.
01
.
8
50
5
2
.
07
.
8
5
–
0
0
2
14
0
5
.
01
.
7
6
10
4
9
.
35
.
2
63
9
0
.
03
.
7
53
5
2
.
05
.
2
6
–
0
0
4
11
0
5
.
00
.
1
6
17
5
3
.
32
.
6
57
0
1
.
05
.
6
58
5
2
.
05
.
6
6
–
0
0
6
17
9
4
.
02
.
5
5
17
5
9
.
21
.
1
52
2
1
.
05
.
5
59
6
2
.
06
.
0
7
–
0
0
8
17
9
4
.
04
.
9
4
12
5
6
.
23
.
5
46
3
1
.
00
.
4
56
7
2
.
05
.
4
7
–
0
0
0
25
9
4
.
01
.
4
4
14
8
3
.
27
.
9
31
5
1
.
06
.
1
58
8
2
.
05
.
8
7
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com