Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5504 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5504
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5504 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5504 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5504
No.6223–3/6
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
f=1.5GHz
1.0
0.1
23
5
7
23
5
7
23
5
10
1.0
0.1
23
5
7
23
5
7
2
3
5
10
VCE=5V
VCE=2V
1V
0
2
4
6
8
10
12
0
2
4
6
8
10
12
NF -- IC
f=1GHz
NF -- IC
IT00593
IT00594
300
200
150
250
350
100
50
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT00595
Collector Current, IC –mA
Collector Current, IC –mA
Ambient Temperature, Ta –
°C
Mounted
on
a
ceramic
board
(250mm
2
×
0.8mm)
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
19
7
9
.
06
.
8
–5
3
4
.
28
.
9
6
15
2
0
.
00
.
2
81
9
9
.
06
.
5
–
0
0
26
6
9
.
03
.
6
1
–3
9
9
.
10
.
1
6
10
5
0
.
01
.
7
74
7
9
.
03
.
1
1
–
0
0
42
3
9
.
08
.
1
3
–2
8
2
.
22
.
4
4
15
9
0
.
08
.
3
61
4
9
.
08
.
0
2
–
0
0
62
8
8
.
05
.
7
4
–8
7
2
.
25
.
9
2
12
3
1
.
06
.
4
51
8
8
.
04
.
9
2
–
0
0
83
2
8
.
01
.
3
6
–2
7
0
.
24
.
7
1
16
5
1
.
03
.
4
48
0
8
.
07
.
8
3
–
0
0
0
12
9
7
.
07
.
4
7
–7
8
9
.
19
.
4
0
13
7
1
.
05
.
7
34
8
7
.
09
.
2
4
–
0
0
2
10
2
7
.
00
.
0
9
–7
7
9
.
13
.
3
90
8
1
.
01
.
0
35
2
7
.
08
.
9
4
–
0
0
4
16
5
6
.
00
.
4
0
1
–3
8
9
.
14
.
1
83
9
1
.
04
.
5
23
9
6
.
01
.
4
5
–
0
0
6
11
2
6
.
00
.
5
1
1
–6
5
7
.
13
.
3
71
1
2
.
08
.
9
12
9
6
.
09
.
7
5
–
0
0
8
18
6
5
.
06
.
7
2
1
–8
0
7
.
11
.
3
64
0
2
.
08
.
6
10
9
6
.
02
.
1
6
–
0
0
0
20
3
5
.
00
.
9
3
1
–1
9
5
.
15
.
4
57
0
2
.
00
.
4
14
5
6
.
04
.
5
6
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com