Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5504 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5504
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5504 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5504 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5504
No.6223–5/6
VCE=5V, IC=1mA, ZO=50Ω
VCE=5V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
8
9
.
03
.
7
–1
5
3
.
29
.
0
7
19
1
0
.
09
.
2
85
9
9
.
03
.
4
–
0
0
22
7
9
.
05
.
4
1
–1
0
6
.
27
.
1
6
15
3
0
.
06
.
8
70
8
9
.
06
.
8
–
0
0
41
3
9
.
08
.
9
2
–1
3
5
.
20
.
7
4
18
6
0
.
09
.
6
62
6
9
.
00
.
6
1
–
0
0
60
0
9
.
09
.
1
4
–1
2
2
.
26
.
4
3
13
9
0
.
04
.
8
54
0
9
.
01
.
4
2
–
0
0
86
4
8
.
00
.
6
5
–3
7
2
.
21
.
2
2
17
1
1
.
02
.
0
51
7
8
.
08
.
9
2
–
0
0
0
10
9
7
.
08
.
9
6
–7
7
1
.
25
.
0
1
10
3
1
.
08
.
3
42
4
8
.
04
.
4
3
–
0
0
2
17
4
7
.
00
.
1
8
–9
2
0
.
20
.
0
0
18
4
1
.
00
.
7
39
2
8
.
05
.
8
3
–
0
0
4
10
3
7
.
07
.
9
8
–5
0
7
.
16
.
0
91
5
1
.
01
.
2
35
8
7
.
04
.
3
4
–
0
0
6
17
5
6
.
07
.
3
0
1
–6
9
7
.
17
.
0
87
5
1
.
03
.
8
27
4
7
.
06
.
7
4
–
0
0
8
19
8
5
.
05
.
6
1
1
–4
9
6
.
11
.
1
79
5
1
.
04
.
4
28
6
7
.
05
.
0
5
–
0
0
0
20
8
5
.
06
.
4
2
1
–9
4
6
.
18
.
1
63
6
1
.
00
.
2
27
4
7
.
00
.
4
5
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
5
9
.
01
.
1
1
–8
6
1
.
70
.
6
6
18
1
0
.
07
.
2
84
8
9
.
09
.
6
–
0
0
26
0
9
.
02
.
3
2
–1
4
1
.
61
.
5
5
14
3
0
.
00
.
3
77
4
9
.
08
.
3
1
–
0
0
46
2
8
.
09
.
2
4
–5
1
8
.
57
.
6
3
19
5
0
.
09
.
0
69
4
8
.
04
.
5
2
–
0
0
68
0
7
.
07
.
3
6
–5
8
3
.
58
.
0
2
16
7
0
.
02
.
3
57
7
7
.
03
.
1
3
–
0
0
82
9
5
.
02
.
3
8
–7
7
9
.
48
.
6
0
19
8
0
.
09
.
7
47
0
7
.
05
.
6
3
–
0
0
0
11
3
5
.
09
.
5
9
–5
0
3
.
47
.
5
97
9
0
.
01
.
5
40
4
6
.
01
.
0
4
–
0
0
2
10
5
4
.
07
.
0
1
1
–1
5
9
.
37
.
4
85
0
1
.
07
.
2
42
2
6
.
02
.
3
4
–
0
0
4
18
9
3
.
00
.
3
2
1
–1
5
4
.
30
.
6
73
1
1
.
09
.
0
48
0
6
.
01
.
6
4
–
0
0
6
10
6
3
.
07
.
3
3
1
–7
1
1
.
31
.
9
62
2
1
.
01
.
0
49
9
5
.
08
.
8
4
–
0
0
8
15
3
3
.
05
.
3
4
1
–6
2
8
.
26
.
1
61
3
1
.
05
.
8
31
8
5
.
05
.
1
5
–
0
0
0
23
0
3
.
07
.
4
5
1
–9
0
6
.
22
.
4
58
3
1
.
01
.
9
35
7
5
.
02
.
4
5
–
VCE=5V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
0
9
.
07
.
5
1
–9
2
4
.
0
12
.
3
6
17
1
0
.
04
.
9
78
6
9
.
03
.
9
–
0
0
27
5
8
.
02
.
9
2
–3
1
4
.
99
.
9
4
12
3
0
.
09
.
1
75
0
9
.
07
.
7
1
–
0
0
48
1
7
.
06
.
5
5
–6
6
3
.
89
.
8
2
13
5
0
.
09
.
7
56
7
7
.
06
.
8
2
–
0
0
67
8
5
.
01
.
7
7
–0
3
0
.
77
.
2
1
17
6
0
.
01
.
3
59
7
6
.
00
.
4
3
–
0
0
88
7
4
.
04
.
6
9
–8
3
0
.
64
.
9
97
7
0
.
08
.
9
46
1
6
.
07
.
7
3
–
0
0
0
16
9
3
.
02
.
2
1
1
–4
5
1
.
51
.
8
85
8
0
.
06
.
9
43
7
5
.
02
.
0
4
–
0
0
2
18
3
3
.
05
.
6
2
1
–9
1
5
.
41
.
9
76
9
0
.
08
.
7
44
5
5
.
07
.
2
4
–
0
0
4
17
0
3
.
07
.
6
3
1
–5
7
8
.
34
.
1
75
0
1
.
07
.
6
43
4
5
.
05
.
5
4
–
0
0
6
18
8
2
.
03
.
6
4
1
–1
5
4
.
36
.
5
66
1
1
.
00
.
6
44
3
5
.
09
.
7
4
–
0
0
8
17
5
2
.
08
.
9
5
1
–6
6
1
.
30
.
8
56
2
1
.
04
.
5
40
3
5
.
04
.
0
5
–
0
0
0
24
4
2
.
02
.
9
6
1
–9
6
8
.
28
.
1
56
3
1
.
08
.
4
40
3
5
.
02
.
3
5
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com