Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5504 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5504
Description  UHF to S Band Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5504 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5504 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5504 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5504
No.6223–4/6
VCE=1V, IC=3mA, ZO=50Ω
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
4
9
.
05
.
3
1
–9
8
0
.
70
.
4
6
15
2
0
.
00
.
0
82
7
9
.
04
.
9
–
0
0
21
8
8
.
01
.
8
2
–2
1
1
.
60
.
2
5
17
4
0
.
00
.
1
71
2
9
.
01
.
9
1
–
0
0
40
9
7
.
01
.
1
5
–5
9
5
.
54
.
2
3
11
8
0
.
09
.
5
54
8
7
.
04
.
4
3
–
0
0
67
6
6
.
07
.
5
7
–4
3
1
.
54
.
5
1
10
0
1
.
05
.
7
45
9
6
.
00
.
2
4
–
0
0
87
5
5
.
01
.
8
9
–5
3
6
.
40
.
1
0
14
1
1
.
07
.
1
48
0
6
.
06
.
8
4
–
0
0
0
14
0
5
.
07
.
1
1
1
–4
1
9
.
33
.
0
95
2
1
.
04
.
8
30
3
5
.
05
.
3
5
–
0
0
2
10
4
4
.
00
.
8
2
1
–8
1
5
.
38
.
9
74
3
1
.
00
.
6
30
1
5
.
01
.
7
5
–
0
0
4
19
9
3
.
01
.
1
4
1
–2
8
0
.
30
.
1
72
4
1
.
06
.
4
30
9
4
.
03
.
0
6
–
0
0
6
13
7
3
.
02
.
2
5
1
–3
7
7
.
21
.
4
62
5
1
.
08
.
3
31
8
4
.
04
.
3
6
–
0
0
8
14
5
3
.
00
.
2
6
1
–3
8
4
.
29
.
6
52
6
1
.
03
.
1
31
6
4
.
07
.
6
6
–
0
0
0
24
3
3
.
02
.
3
7
1
–1
9
2
.
26
.
9
41
7
1
.
07
.
1
39
4
4
.
07
.
9
6
–
VCE=2V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
7
9
.
02
.
8
–8
2
0
.
29
.
0
7
12
2
0
.
02
.
4
82
9
9
.
01
.
5
–
0
0
24
7
9
.
04
.
4
1
–3
8
3
.
22
.
1
6
13
4
0
.
02
.
7
71
8
9
.
07
.
9
–
0
0
48
2
9
.
02
.
1
3
–6
2
4
.
28
.
5
4
12
8
0
.
02
.
6
63
6
9
.
03
.
7
1
–
0
0
68
8
8
.
01
.
5
4
–3
0
3
.
22
.
2
3
12
1
1
.
04
.
6
55
9
8
.
01
.
7
2
–
0
0
80
6
8
.
09
.
6
5
–4
1
0
.
29
.
0
2
16
3
1
.
01
.
7
42
5
8
.
05
.
3
3
–
0
0
0
13
8
7
.
03
.
3
7
–9
8
0
.
21
.
8
0
17
5
1
.
07
.
0
49
3
8
.
02
.
7
3
–
0
0
2
12
5
7
.
07
.
3
8
–9
1
8
.
12
.
8
99
6
1
.
03
.
3
37
8
7
.
09
.
3
4
–
0
0
4
12
9
6
.
01
.
7
9
–5
9
7
.
17
.
6
83
7
1
.
07
.
8
23
3
7
.
01
.
9
4
–
0
0
6
11
3
6
.
02
.
0
1
1
–7
1
8
.
12
.
7
75
8
1
.
08
.
3
22
2
7
.
01
.
3
5
–
0
0
8
13
9
5
.
00
.
1
2
1
–6
7
7
.
13
.
7
65
8
1
.
00
.
0
20
2
7
.
03
.
6
5
–
0
0
0
26
3
5
.
06
.
3
3
1
–4
1
6
.
16
.
8
54
9
1
.
00
.
6
17
2
7
.
05
.
9
5
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
3
9
.
07
.
2
1
–7
2
6
.
67
.
5
6
11
2
0
.
05
.
1
87
7
9
.
03
.
8
–
0
0
28
0
9
.
08
.
3
2
–7
6
8
.
53
.
4
5
10
4
0
.
00
.
2
72
3
9
.
05
.
6
1
–
0
0
46
0
8
.
09
.
6
4
–4
4
9
.
53
.
4
3
19
6
0
.
06
.
8
51
3
8
.
08
.
8
2
–
0
0
66
9
6
.
04
.
8
6
–8
9
1
.
50
.
9
1
10
9
0
.
08
.
0
59
3
7
.
05
.
6
3
–
0
0
81
0
6
.
07
.
6
8
–2
1
5
.
45
.
6
0
13
0
1
.
05
.
4
48
5
6
.
06
.
2
4
–
0
0
0
18
0
5
.
06
.
4
0
1
–7
3
2
.
47
.
2
91
1
1
.
08
.
1
40
0
6
.
05
.
6
4
–
0
0
2
15
4
4
.
08
.
8
1
1
–9
3
7
.
31
.
3
80
2
1
.
06
.
9
30
7
5
.
01
.
0
5
–
0
0
4
19
8
3
.
07
.
2
3
1
–0
8
2
.
31
.
4
79
2
1
.
05
.
7
35
4
5
.
04
.
3
5
–
0
0
6
10
7
3
.
01
.
2
4
1
–8
4
9
.
22
.
7
60
4
1
.
09
.
4
30
4
5
.
02
.
6
5
–
0
0
8
19
3
3
.
05
.
3
5
1
–7
5
7
.
28
.
8
56
4
1
.
04
.
5
38
1
5
.
02
.
9
5
–
0
0
0
28
0
3
.
06
.
6
6
1
–1
9
4
.
22
.
2
56
5
1
.
03
.
4
33
2
5
.
09
.
1
6
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com