Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3420ARJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR3420ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3420ARJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADR3420ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 3 of 24
SPECIFICATIONS
ADR3412 ELECTRICAL CHARACTERISTICS
VIN = 2.3 V to 5.5 V, TA = 25°C, ILOAD = 0 mA, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
1.1988
1.2000
1.2012
V
INITIAL ACCURACY
VOERR
±0.1
%
±1.2
mV
TEMPERATURE COEFFICIENT
TCVOUT
−40°C ≤ TA ≤ +125°C
8
ppm/°C
LINE REGULATION
ΔVO/ΔVIN
VIN = 2.3 V to 5.5 V
7
50
ppm/V
VIN = 2.3 V to 5.5 V, −40°C ≤ TA ≤ +125°C
160
ppm/V
LOAD REGULATION
ΔVO/ΔIL
Sourcing
IL = 0 mA to 10 mA,
VIN = 2.8 V, −40°C ≤ TA ≤ +125°C
14
30
ppm/mA
Sinking
IL = 0 mA to −3 mA,
VIN = 2.8 V, −40°C ≤ TA ≤ +125°C
7
50
ppm/mA
OUTPUT CURRENT CAPACITY
IL
Sourcing
VIN = 2.8 V to 5.5 V
10
mA
Sinking
VIN = 2.8 V to 5.5 V
−3
mA
QUIESCENT CURRENT
IQ
Normal Operation
ENABLE > VIN × 0.85
85
μA
ENABLE = VIN, −40°C ≤ TA ≤ +125°C
100
μA
Shutdown
ENABLE < 0.7 V
5
μA
DROPOUT VOLTAGE1
VDO
IL = 0 mA, −40°C ≤ TA ≤ +125°C
1
1.1
V
IL = 2 mA, −40°C ≤ TA ≤ +125°C
1
1.15
V
ENABLE PIN
Shutdown Voltage
VL
0
0.7
V
ENABLE Voltage
VH
VIN × 0.85
VIN
V
ENABLE Pin Leakage Current
IEN
ENABLE = VIN, −40°C ≤ TA ≤ +125°C
0.85
3
μA
OUTPUT VOLTAGE NOISE
en p-p
f = 0.1 Hz to 10 Hz
8
μV p-p
f = 10 Hz to 10 kHz
28
μV rms
OUTPUT VOLTAGE NOISE
DENSITY
en
f = 1 kHz
0.6
μV/√Hz
OUTPUT VOLTAGE HYSTERESIS2
ΔVOUT_HYS
TA = +25°C to −40°C to +125°C to +25°C
70
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 60 Hz
−60
dB
LONG-TERM STABILITY
ΔVOUT_LTD
1000 hours at 50°C
30
ppm
TURN-ON SETTLING TIME
tR
CIN = 0.1 μF, CL = 0.1 μF, RLoad = 1 k
Ω
100
μs
1 Refers to the minimum difference between VIN and VOUT such that VOUT maintains a minimum accuracy of 0.1%. See the Termin
section.
ology
Terminology
2 See the
section. The part is placed through the temperature cycle in the order of temperatures shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com