Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3420ARJZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR3420ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3420ARJZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR3420ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 15 of 24
CH1 pk-pk = 33.4µV
CH1 RMS = 5.68µV
1
10µV/DIV
Figure 21. ADR3450 Output Voltage Noise (0.1 Hz to 10 Hz)
CH1 pk-pk = 446µV
CH1 RMS = 60.3µV
1
100µV/DIV
Figure 22. ADR3450 Output Voltage Noise (10 Hz to 10 kHz)
0
2
4
6
8
10
12
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 23. ADR3450 Output Noise Spectral Density
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
CL = 1.1µF
CIN = 0.1µF
Figure 24. ADR3450 Ripple Rejection Ratio vs. Frequency
1
2
TIME = 200µs/DIV
CIN = 0µF
CL = 0.1µF
RL =
VIN
2V/DIV
VOUT
2V/DIV
Figure 25. ADR3450 Start-Up Response
1
2
VENABLE = 2V/DIV
VIN = 5.5V
CIN = CL = 0.1µF
RL =
VOUT = 2V/DIV
ENABLE
TIME = 200µs/DIV
Figure 26. ADR3450 Restart Response from Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com