Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3420ARJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR3420ARJZ-R7
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3420ARJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR3420ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADR3420ARJZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 13 of 24
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
–3 –2
–1
01234
56789
10
LOAD CURRENT (mA)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 9. ADR3412 Dropout Voltage vs. Load Current
–3 –2
–1
01234
56789
10
LOAD CURRENT (mA)
–50
0
50
100
150
200
250
300
350
400
450
TA = –40°C
TA = +25°C
TA = +125°C
Figure 10. ADR3420 Dropout Voltage vs. Load Current
CH1 500mV
CH2 2.00V
M100µs
A CH2
2.36V
2
1
VIN = 2V/DIV
CIN = COUT = 0.1µF
RL = 1kΩ
VOUT = 500mV/DIV
FREQUENCY GEN = 1Hz
Figure 11. ADR3412 Start
-Up (Turn-On Settle) Time
0
50
100
150
200
250
300
350
400
–3
–2
–1
0
1234
5
6
7
8
9
10
LOAD CURRENT (mA)
–40°C
+25°C
+125°C
Figure 12. ADR3425 Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
LOAD CURRENT (mA)
–40°C
+25°C
+125°C
–3
–2
–1
0
1234
5
6
7
8
9
10
Figure 13. ADR3450 Dropout Voltage vs. Load Current
0
20
40
60
80
100
120
140
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
ADR3412
ADR3420
ADR3425
ADR3430
ADR3433
ADR3440
ADR3450
Figure 14. Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com