Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3425ARJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR3425ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425ARJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR3425ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS AND MINIMUM OPERATING CONDITION
TA = 25°C, unless otherwise noted.
Table 10.
Parameter
Rating
Supply Voltage
6 V
ENABLE to GND SENSE Voltage
VIN
VIN Minimum Slew Rate
0.1 V/ms
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +125°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 11. Thermal Resistance
Package Type
θJA
θJC
Unit
6-Lead SOT-23 (RJ-6)
230
92
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com