Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3425ARJZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR3425ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425ARJZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR3425ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 12 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
2.4990
2.4992
2.4994
2.4996
2.4998
2.5000
2.5002
2.5004
2.5006
2.5008
2.5010
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (ºC)
VIN = 5.5V
Figure 3. ADR3425 Output Voltage vs. Temperature
0
5
10
15
20
25
30
35
40
012
345
678
9
10
11
TEMPERATURE COEFFICIENT (ppm/°C)
Figure 4. ADR3425 Temperature Coefficient Distribution
0
2
4
6
8
10
12
14
16
18
20
22
24
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
IL = 0mA TO +10mA
SOURCING
ADR3412
ADR3420
ADR3425
ADR3430
ADR3433
ADR3440
ADR3450
Figure 5. Load Regulation vs. Temperature (Sourcing)
4.9975
4.9980
4.9985
4.9990
4.9995
5.0000
5.0005
5.0010
5.0015
5.0020
5.0025
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (ºC)
VIN = 5.5V
Figure 6. ADR3450 Output Voltage vs. Temperature
0
5
10
15
20
25
30
40
35
45
012
345
678
9
10 MORE
TEMPERATURE COEFFICIENT (ppm/°C)
Figure 7. ADR3450 Temperature Coefficient Distribution
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
IL = 0mA TO –3mA
SINKING
ADR3412
ADR3420
ADR3425
ADR3430
ADR3433
ADR3440
ADR3450
5
10
15
20
25
30
35
Figure 8. Load Regulation vs. Temperature (Sinking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com