Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3425ARJZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADR3425ARJZ-R2
Description  Micropower, High Accuracy Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425ARJZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADR3425ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 21Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 22Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 23Page - Analog Devices ADR3425ARJZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADR3412/ADR3420/ADR3425/ADR3430/ADR3433/ADR3440/ADR3450
Rev. B | Page 21 of 24
SAMPLE APPLICATIONS
Negative Reference
Figure 42 shows how to connect the ADR3450 and a standard
CMOS op amp, such as the AD8663, to provide a negative
reference voltage. This configuration provides two main
advantages: first, it only requires two devices and, therefore,
does not require excessive board space; second, and more
importantly, it does not require any external resistors, meaning
that the performance of this circuit does not rely on choosing
expensive parts with low temperature coefficients to ensure
accuracy.
AD8663
0.1µF
1µF
+VDD
–VDD
0.1µF
0.1µF
–5V
ADR3450
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
4
3
6
5
2
1
Figure 42. ADR3450 Negative Reference
In this configuration, the VOUT pins of the reference sit at virtual
ground, and the negative reference voltage and load current are
taken directly from the output of the operational amplifier. Note
that in applications where the negative supply voltage is close to
the reference output voltage, a dual-supply, low offset, rail-to-
rail output amplifier must be used to ensure an accurate output
voltage. The operational amplifier must also be able to source or
sink an appropriate amount of current for the application.
Bipolar Output Reference
Figure 43 shows a bipolar reference configuration. By connecting
the output of the ADR3450 to the inverting terminal of an
operational amplifier, it is possible to obtain both positive and
negative reference voltages. R1 and R2 must be matched as
closely as possible to ensure minimal difference between the
negative and positive outputs. Resistors with low temperature
coefficients must also be used if the circuit is used in environments
with large temperature swings; otherwise, a voltage difference
develops between the two outputs as the ambient temperature
changes.
VIN
+15V
–15V
–5V
+5V
ADA4000-1
0.1µF
1µF
0.1µF
R1
10kΩ
R2
10kΩ
R3
5kΩ
ADR3450
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
4
3
6
5
2
1
Figure 43. ADR3450 Bipolar Output Reference
Boosted Output Current Reference
Figure 44 shows a configuration for obtaining higher current
drive capability from the ADR34xx references without
sacrificing accuracy. The op amp regulates the current flow
through the MOSFET until VOUT equals the output voltage of
the reference; current is then drawn directly from VIN instead of
from the reference itself, allowing increased current drive
capability.
0.1µF
CL
0.1µF
2N7002
AD8663
VIN
U6
VOUT
+16V
0.1µF
1µF
R1
100Ω
RL
200Ω
ADR34xx
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
4
3
6
5
2
1
Figure 44. Boosted Output Current Reference
Because the current-sourcing capability of this circuit depends
only on the ID rating of the MOSFET, the output drive capability
can be adjusted to the application simply by choosing an
appropriate MOSFET. In all cases, the VOUT SENSE pin should
be tied directly to the load device to maintain maximum output
voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com