Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5646 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5646
Description  UHF to S Band Low-Noise Amplifier andOSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5646 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5646 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5646
No.6606-3/6
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.966
--14.5
3.235
165.4
0.052
78.9
0.980
--11.5
400
0.929
--28.6
3.081
152.3
0.099
68.9
0.943
--22.3
600
0.874
--41.4
2.825
140.1
0.137
59.4
0.889
--32.3
800
0.820
--53.1
2.657
129.4
0.168
51.9
0.835
--40.7
1000
0.778
--63.3
2.504
118.4
0.189
45.8
0.796
--47.7
1200
0.713
--72.3
2.281
110.8
0.207
40.4
0.743
--54.0
1400
0.674
--80.2
2.155
102.8
0.216
36.0
0.717
--58.9
1600
0.636
--87.8
2.005
94.8
0.225
32.8
0.693
--63.8
1800
0.599
--94.8
1.853
88.3
0.232
29.8
0.660
--68.6
2000
0.568
--101.0
1.732
82.6
0.236
27.4
0.640
--72.7
2200
0.542
--107.1
1.630
77.2
0.240
25.6
0.624
--76.3
2400
0.522
--113.2
1.553
72.0
0.243
23.5
0.616
--80.5
2600
0.511
--121.0
1.488
67.3
0.238
21.9
0.589
--83.7
2800
0.470
--127.1
1.403
62.6
0.237
21.3
0.573
--86.1
3000
0.448
--132.7
1.340
58.9
0.235
21.4
0.561
--87.8
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.832
--34.2
11.473
151.5
0.044
70.2
0.891
--24.8
400
0.696
--60.9
9.543
130.5
0.072
57.2
0.738
--42.0
600
0.558
--79.8
7.440
117.4
0.088
48.9
0.598
--51.8
800
0.488
--96.6
6.103
107.7
0.099
45.7
0.520
--59.7
1000
0.455
--109.2
5.244
97.8
0.109
45.0
0.464
--66.3
1200
0.415
--120.0
4.520
90.8
0.117
45.0
0.427
--70.0
1400
0.390
--129.5
3.950
85.1
0.124
45.2
0.405
--73.4
1600
0.375
--136.9
3.524
80.2
0.132
45.8
0.384
--76.2
1800
0.358
--143.7
3.145
75.7
0.140
46.2
0.371
--78.3
2000
0.351
--149.1
2.896
71.2
0.149
46.4
0.365
--80.8
2200
0.344
--154.9
2.649
66.9
0.158
47.0
0.364
--82.2
2400
0.340
--159.4
2.468
63.0
0.166
47.1
0.366
--86.0
2600
0.339
--163.9
2.299
59.1
0.174
48.1
0.350
--85.7
2800
0.335
--167.8
2.162
55.5
0.185
48.5
0.361
--85.0
3000
0.339
--171.6
2.043
52.0
0.196
49.1
0.388
--84.0
0
0
20
Ambient Temperature, Ta --
°C
PC -- Ta
IT02264
40
60
100
80
120
40
20
100
120
60
80
140
160
1.0
0
1.0
0.5
1.5
Collector Current, IC -- mA
NF -- IC
IT02258
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
2
7
5
3
2
10
VCE=3V
1V
f=2GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com