Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5646 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5646
Description  UHF to S Band Low-Noise Amplifier andOSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5646 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5646 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5646
No.6606-4/6
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.712
--50.0
16.218
141.2
0.040
64.6
0.796
--33.0
400
0.556
--82.8
11.575
119.9
0.060
54.0
0.594
--50.6
600
0.444
--104.0
8.470
108.8
0.071
49.9
0.465
--58.3
800
0.401
--120.1
6.729
99.1
0.082
49.9
0.394
--64.8
1000
0.385
--132.9
5.619
90.8
0.091
51.3
0.357
--69.7
1200
0.367
--141.8
4.775
85.2
0.100
52.4
0.330
--72.6
1400
0.357
--149.8
4.137
80.1
0.112
53.3
0.313
--75.4
1600
0.351
--156.4
3.674
75.5
0.121
54.1
0.305
--77.5
1800
0.344
--161.7
3.283
71.7
0.132
54.2
0.300
--79.7
2000
0.341
--166.5
2.985
67.9
0.142
54.5
0.300
--81.0
2200
0.339
--170.7
2.740
63.8
0.153
54.8
0.306
--83.0
2400
0.339
--174.6
2.532
60.2
0.165
54.8
0.308
--86.3
2600
0.338
--178.0
2.365
56.7
0.176
54.8
0.302
--86.2
2800
0.340
178.6
2.214
53.3
0.187
54.9
0.310
--84.5
3000
0.340
175.5
2.090
50.0
0.201
54.8
0.347
--83.5
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.566
--75.5
17.073
129.2
0.036
57.9
0.632
--41.0
400
0.459
--113.6
10.744
108.8
0.050
52.6
0.433
--55.0
600
0.406
--134.0
7.486
100.0
0.061
51.6
0.342
--59.3
800
0.392
--147.0
5.766
91.5
0.072
54.2
0.298
--63.8
1000
0.395
--156.6
4.755
84.1
0.082
57.0
0.280
--67.4
1200
0.390
--163.3
4.019
78.9
0.093
58.6
0.270
--69.8
1400
0.389
--169.0
3.464
74.2
0.104
59.4
0.266
--72.5
1600
0.389
--173.9
3.058
69.9
0.115
60.2
0.268
--75.0
1800
0.385
--177.8
2.731
66.3
0.128
60.0
0.272
--77.6
2000
0.386
178.7
2.481
62.5
0.140
60.0
0.277
--79.6
2200
0.386
175.4
2.274
58.7
0.152
60.4
0.288
--82.0
2400
0.387
172.3
2.103
55.1
0.164
59.8
0.296
--85.7
2600
0.386
169.5
1.958
51.7
0.177
60.1
0.293
--86.1
2800
0.388
166.9
1.837
48.3
0.190
59.5
0.305
--85.2
3000
0.389
164.3
1.730
45.1
0.206
59.0
0.342
--84.3
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.970
--13.3
3.318
166.5
0.046
79.3
0.983
--10.3
400
0.938
--26.2
3.140
154.1
0.087
70.0
0.952
--20.1
600
0.885
--37.8
2.901
142.4
0.122
61.6
0.905
--29.2
800
0.838
--48.6
2.719
132.2
0.150
54.5
0.859
--37.0
1000
0.793
--58.7
2.557
121.9
0.171
48.5
0.820
--43.9
1200
0.736
--66.7
2.320
114.2
0.188
43.6
0.774
--49.6
1400
0.703
--74.4
2.242
106.3
0.199
39.0
0.747
--54.4
1600
0.658
--81.8
2.115
98.4
0.208
35.7
0.719
--59.4
1800
0.614
--89.0
1.938
91.7
0.213
32.8
0.694
--63.8
2000
0.580
--94.8
1.813
86.0
0.217
30.7
0.672
--67.8
2200
0.551
--100.5
1.707
80.6
0.220
29.1
0.655
--71.4
2400
0.531
--106.5
1.630
75.4
0.225
27.1
0.647
--75.5
2600
0.518
--114.0
1.563
70.7
0.222
25.6
0.618
--78.6
2800
0.476
--119.8
1.473
65.8
0.222
25.1
0.603
--81.1
3000
0.452
--125.2
1.408
62.1
0.221
25.3
0.590
--82.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com