Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5646 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5646
Description  UHF to S Band Low-Noise Amplifier andOSC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5646 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5646 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5646 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5646
No.6606-5/6
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.854
--29.8
11.793
153.4
0.039
71.9
0.907
--22.1
400
0.719
--55.0
9.801
133.9
0.066
59.9
0.770
--37.9
600
0.574
--72.8
7.799
121.1
0.082
51.9
0.641
--47.3
800
0.514
--86.9
6.563
110.0
0.093
48.3
0.557
--54.1
1000
0.458
--100.6
5.612
100.8
0.103
47.3
0.501
--60.5
1200
0.421
--110.4
4.876
93.8
0.111
47.0
0.461
--64.3
1400
0.388
--119.5
4.298
87.7
0.119
47.0
0.433
--67.7
1600
0.364
--127.4
3.841
82.7
0.125
47.6
0.415
--69.8
1800
0.346
--134.9
3.440
78.5
0.134
47.6
0.399
--72.2
2000
0.335
--139.3
3.148
73.7
0.142
48.0
0.390
--73.9
2200
0.328
--146.3
2.889
69.9
0.150
48.8
0.390
--76.0
2400
0.319
--150.3
2.694
65.4
0.158
49.0
0.386
--79.2
2600
0.319
--155.7
2.500
62.0
0.166
49.9
0.376
--79.1
2800
0.313
--159.5
2.365
58.2
0.175
50.1
0.381
--78.3
3000
0.314
--163.8
2.218
54.8
0.187
51.2
0.417
--77.8
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.746
--42.4
16.884
145.0
0.036
67.2
0.837
--28.8
400
0.584
--72.2
12.609
123.6
0.056
57.1
0.649
--45.4
600
0.460
--91.8
9.390
112.1
0.068
52.3
0.515
--53.0
800
0.398
--107.4
7.534
102.6
0.078
51.9
0.437
--59.3
1000
0.371
--120.9
6.340
94.0
0.087
53.1
0.394
--64.0
1200
0.346
--130.4
5.393
88.2
0.097
53.8
0.365
--66.5
1400
0.331
--138.4
4.681
83.2
0.106
54.5
0.344
--69.1
1600
0.320
--145.5
4.166
78.7
0.116
55.3
0.331
--71.0
1800
0.310
--151.6
3.720
74.9
0.126
55.3
0.325
--73.0
2000
0.307
--157.1
3.388
71.0
0.136
55.9
0.323
--74.2
2200
0.301
--161.7
3.110
67.1
0.146
56.2
0.326
--76.1
2400
0.302
--165.9
2.877
63.5
0.157
55.9
0.326
--79.2
2600
0.299
--169.6
2.684
60.0
0.167
56.3
0.318
--78.8
2800
0.300
--173.1
2.513
56.8
0.178
56.5
0.329
--77.3
3000
0.300
--176.5
2.374
53.5
0.192
56.4
0.367
--76.7
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.621
--57.1
20.374
136.5
0.032
63.7
0.744
--34.4
400
0.471
--91.2
13.710
115.3
0.047
56.4
0.537
--49.1
600
0.379
--111.9
9.792
105.5
0.058
54.8
0.422
--54.1
800
0.350
--127.4
7.674
97.1
0.068
56.5
0.363
--58.3
1000
0.338
--139.0
6.356
89.3
0.079
58.5
0.331
--61.6
1200
0.327
--147.7
5.374
84.0
0.089
59.8
0.312
--63.6
1400
0.321
--154.9
4.646
79.4
0.100
60.5
0.302
--65.6
1600
0.317
--160.5
4.119
75.4
0.110
61.1
0.296
--67.5
1800
0.313
--165.4
3.670
71.8
0.122
60.8
0.295
--69.4
2000
0.311
--169.9
3.336
68.1
0.133
61.1
0.298
--70.9
2200
0.311
--173.6
3.060
64.5
0.144
61.2
0.305
--72.8
2400
0.312
--177.3
2.826
61.0
0.156
60.7
0.308
--76.3
2600
0.312
--179.9
2.633
57.7
0.168
60.6
0.303
--75.8
2800
0.313
176.7
2.464
54.5
0.180
60.6
0.318
--74.6
3000
0.315
174.3
2.325
51.4
0.193
60.1
0.357
--74.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com