Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 17Page - ATMEL Corporation AT25DF081A Datasheet HTML 18Page - ATMEL Corporation AT25DF081A Datasheet HTML 19Page - ATMEL Corporation AT25DF081A Datasheet HTML 20Page - ATMEL Corporation AT25DF081A Datasheet HTML 21Page - ATMEL Corporation AT25DF081A Datasheet HTML 22Page - ATMEL Corporation AT25DF081A Datasheet HTML 23Page - ATMEL Corporation AT25DF081A Datasheet HTML 24Page - ATMEL Corporation AT25DF081A Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sector and Unprotect
Sector functions. For example, a system can globally protect the entire memory array and then use the Unprotect
Sector command to individually unprotect certain sectors and individually reprotect them later by using the Protect
Sector command. Likewise, a system can globally unprotect the entire memory array and then individually protect
certain sectors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combination of data to the
Status Register using the Write Status Register Byte 1 command (see “Write Status Register Byte 1” on page 35
for command execution details). The Write Status Register command is also used to modify the SPRL (Sector Pro-
tection Registers Locked) bit to control hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the system must write
a logical “1” to bits five, four, three, and two of the first byte of the Status Register. Conversely, to perform a Global
Unprotect, the same WP and SPRL conditions must be met but the system must write a logical “0” to bits five, four,
three, and two of the first byte of the Status Register. Table 9-2 details the conditions necessary for a Global Pro-
tect or Global Unprotect to be performed.
Table 9-2.
Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New Write Status
Register Byte 1
Data
Protection Operation
New
SPRL
Value
Bit
76543210
00
0x0000xx
0x0001xx
0x1110xx
0x1111xx
1x0000xx
1x0001xx
1x1110xx
1x1111xx
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
0
1
xxxxxxxx
No change to the current protection level. All sectors currently protected will remain protected
and all sectors currently unprotected will remain unprotected.
The Sector Protection Registers are hard-locked and cannot be changed when the WP pin is
LOW and the current state of SPRL is 1. Therefore, a Global Protect/Unprotect will not occur.
In addition, the SPRL bit cannot be changed (the WP pin must be HIGH in order to change
SPRL back to a 0).
10
0x0000xx
0x0001xx
0x1110xx
0x1111xx
1x0000xx
1x0001xx
1x1110xx
1x1111xx
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com