Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 45Page - ATMEL Corporation AT25DF081A Datasheet HTML 46Page - ATMEL Corporation AT25DF081A Datasheet HTML 47Page - ATMEL Corporation AT25DF081A Datasheet HTML 48Page - ATMEL Corporation AT25DF081A Datasheet HTML 49Page - ATMEL Corporation AT25DF081A Datasheet HTML 50Page - ATMEL Corporation AT25DF081A Datasheet HTML 51Page - ATMEL Corporation AT25DF081A Datasheet HTML 52Page - ATMEL Corporation AT25DF081A Datasheet HTML 53Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
49
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
17.
Packaging Information
17.1
8MA1 – UDFN
Package Drawing Contact:
packagedrawings@atmel.com
DRAWING NO.
REV.
TITLE
GPC
Notes: 1. This package conforms to JEDEC reference MO-229,
Saw Singulation.
2. The terminal #1 ID is a Laser-marked Feature.
8MA1
D
4/15/08
8MA1, 8-pad (5 x 6 x 0.6mm Body), Thermally
Enhanced Plastic Ultra Thin Dual Flat No Lead
Package (UDFN)
YFG
Top View
Side View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
0.45
0.00
0.35
4.90
3.80
5.90
3.20
0.50
0.00
0.20
A
A1
b
C
D
D2
E
E2
e
L
y
K
0.55
0.02
0.40
0.152 REF
5.00
4.00
6.00
3.40
1.27
0.60
–
–
0.60
0.05
0.48
5.10
4.20
6.10
3.60
0.75
0.08
–
Pin 1 ID
E
D
A1
A
y
C
Bottom View
E2
D2
L
b
e
1
2
3
4
8
7
6
5
Pin #1 Notch
(0.20 R)
K
Pin #1
Chamfer
(C 0.35)
Option A
(Option B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com