Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 37Page - ATMEL Corporation AT25DF081A Datasheet HTML 38Page - ATMEL Corporation AT25DF081A Datasheet HTML 39Page - ATMEL Corporation AT25DF081A Datasheet HTML 40Page - ATMEL Corporation AT25DF081A Datasheet HTML 41Page - ATMEL Corporation AT25DF081A Datasheet HTML 42Page - ATMEL Corporation AT25DF081A Datasheet HTML 43Page - ATMEL Corporation AT25DF081A Datasheet HTML 44Page - ATMEL Corporation AT25DF081A Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
12.5
Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a pro-
gram or erase cycle. Therefore, if an erase cycle is in progress, asserting the HOLD pin will not pause the
operation, and the erase cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting
the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold
mode won’t be started until the beginning of the next SCK low pulse. The device will remain in the Hold mode as
long as the HOLD pin and CS pin are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin
will be ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low
pulse. If the HOLD pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning
of the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may have been started will
be aborted, and the device will reset the WEL bit in the Status Register back to the logical “0” state.
Figure 12-5. Hold Mode
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com