Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD2JPLX Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VRD2JPLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD2JPLX Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VRD2JPLX Datasheet HTML 10Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 11Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 12Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 13Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 14Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 15Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 16Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 17Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AnaSem Inc.
13
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 输出电压 vs. 输入电压 (续)
VRD (VOUT=2.8V)
3
4
6
1
Input Voltage : VIN (V)
2
5
VRD (VOUT=2.8V)
4.0
4.5
5.0
6.0
3.0
Input Voltage : VIN (V)
3.5
5.5
2.7
2.3
2.5
3.1
2.9
VRD (VOUT=3.3V)
3.5
4.5
6.0
2.0
Input Voltage : VIN (V)
3.0
5.6
VRD (VOUT=3.3V)
4.0
4.5
5.0
6.0
Input Voltage : VIN (V)
3.5
5.5
3.3
2.9
3.1
3.6
3.5
3.0
3.2
3.4
2.5
4.0
5.0
1mA
30mA
100mA
1mA
30mA
100mA
1mA
30mA
100mA
1mA
30mA
100mA
2.7
2.3
2.5
3.1
2.9
3.3
2.9
3.1
3.6
3.5
3.0
3.2
3.4
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF
EN=VIN, Ta=25°C, CIN=CL=1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com