Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD2JPLX Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRD2JPLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD2JPLX Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRD2JPLX Datasheet HTML 1Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 2Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 3Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AnaSem Inc.
4
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
PIN脚排位 / IC封装记号(LLP-6)
IC封装记号
位置
记号
解说
A
D
产品系列标记
BC
08~50
LDO 1 电压输出
DE
08~50
LDO 2 电压输出
F
X
电容放电功能
G
厂方设定
生产批号
EN1
EN2
VIN
VOUT1 VSS
VOUT2
1
2
3
4
5
6
(顶视图)
Pin脚排位
位置
记号
解说
1
EN2
LDO 2 ON/OFF检测
2
VIN
电压输入
3
EN1
LDO 1 ON/OFF检测
4
VSS
接地
5
VOUT1
LDO 1 电压输出
6
VOUT2
LDO 2 电压输出
A
G G G G
B C
D E F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com