Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD2JPLX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VRD2JPLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD2JPLX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VRD2JPLX Datasheet HTML 3Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 9Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 10Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AnaSem Inc.
6
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
电子规格
项目
符号
条件
最低
一般
最高
单位
测试
电路
VOUT≧1.95V
VOUT
×0.99
VOUT
VOUT
×1.01
V
输出电压范围
VOUT
VOUT+1.0V≦VIN≦6.0V
IOUT=30mA
Ta=–40°C ~ +85°C
VOUT≦1.90V
–20
-
+20
mV
1
0.9V≦VOUT≦1.15V
-
250
-
mA
1.2V≦VOUT≦1.65V
-
250
-
mA
1.7V≦VOUT≦2.25V
-
250
-
mA
2.3V≦VOUT≦2.85V
-
250
-
mA
2.9V≦VOUT≦3.45V
-
250
-
mA
3.5V≦VOUT≦4.05V
-
250
-
mA
输出电流
IOUT
VIN≧VOUT+1.0V
4.0V≦VOUT≦5.00V
-
250
-
mA
1
0.9V≦VOUT≦1.15V
-
580
910
mV
1.2V≦VOUT≦1.65V
-
210
340
mV
1.7V≦VOUT≦2.25V
-
130
205
mV
2.3V≦VOUT≦2.85V
-
100
150
mV
2.9V≦VOUT≦3.45V
-
90
137
mV
3.5V≦VOUT≦4.05V
-
85
125
mV
输入输出压差
VDROP
IOUT=100mA
4.0V≦VOUT≦5.00V
-
80
115
mV
1
(Ta=25°C 除非另有注明)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com