Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD33PLX Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VRD33PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD33PLX Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VRD33PLX Datasheet HTML 13Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 14Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 15Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 16Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 17Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 18Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 19Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 20Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AnaSem Inc.
16
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 电源电流 vs. 工作温度参数
一般特征
– 串音
VIN=EN=VOUT+1.0V
65
60
45
35
50
-20
20
40
80
100
-60
Ambient Temperature : Ta (°C)
0
-40
60
55
40
VOUT1=2.5V, VOUT2=3.3V
Ch1→Ch2
VIN=4.3V, IOUT1=0.1↔100mA, IOUT2=30mA
Tr/Tf=5µs, Ta=25°C, CIN=CL=1.0 µF
2.55
2.50
2.35
2.25
2.30
2.45
2.40
Time (100ms/div)
2.60
2.65
Output Voltage (VR1)
Output Voltage (VR2)
3.55
3.50
3.35
3.25
3.30
3.45
3.40
3.60
3.20
VR1=2.5V / VR2=3.3V
VR1=1.5V / VR2=3.3V
VR1=1.8V / VR2=3.0V
VR1=1.2V / VR2=2.8V
(VR1加VR2的總值)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com