Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD33PLX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VRD33PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD33PLX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VRD33PLX Datasheet HTML 2Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 3Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 9Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AnaSem Inc.
5
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
IC电路图
绝对最大工作范围
注
:
※
1) 功率耗散规格是依照IC已上PCB板的条件来定.
而
PCB板的尺寸为 50mm×50mm×1.6mm.
典型应用电路
项目
符号
规格
单位
输入电压范围
VIN
–0.3 ~ +7.0
V
输出电流
IOUT
500
mA
输出电压范围
VOUT
VSS –0.3 ~ VIN +0.3
V
SOT-26
PD
400 (on PCB)
mW
SON-6
PD
600 (on PCB)
mW
功率耗散 ※1)
LLP-6
PD
1000 (on PCB)
mW
工作温度范围
TOPR
–40 ~ +85
°C
储存温度范围
TSTG
–55 ~ +125
°C
VIN
Vss
+
_
VOUT1
Voltage
Reference
Over-current
Protector
EN1
+
_
Voltage
Reference
Over-current
Protector
EN2
VOUT2
CL1 = 1µF
VOUT1
VIN
VSS
CIN = 1µF
VOUT2
CL2= 1µF
EN2
EN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com