Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD33PLX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VRD33PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD33PLX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VRD33PLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 9Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 10Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 11Page - List of Unclassifed Manufacturers VRD33PLX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AnaSem Inc.
7
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
电子规格
(续)
项目
符号
条件
最低
一般
最高
单位
测试
电路
电流功耗
IDD
VIN=VOUT+1.0V, VOUT=Open, IOUT=0mA
-
50
80
μA
2
静态电流消耗
ISTB
EN=VSS
-
0.01
0.1
μA
2
输入电压范围
VIN
1.6
-
6.0
V
1
负载调节
∆VOUT
VIN=VOUT+1.0V, IOUT=0.1mA ~ 100mA
-
10
40
mV
1
交流电源电压变化
∆VOUT
/
∆VIN•VOUT
VOUT+1.0V≦VIN≦6.0V, IOUT=30mA
-
0.01
0.1
%/V
1
嘈音抑制比
Rr
VIN=VOUT+1.0V, f=1KHz,
∆VRIP=0.5VP-P, IOUT=30mA
-
75
-
dB
3
电流限制
ILIMIT
EN=VIN
300
-
-
mA
1
短路电流
ISHORT
VIN=VOUT+1.0V, VOUT=0V
-
40
-
mA
1
电压输出
-温度稳定性
∆VOUT /
∆Ta•VOUT
VEN=VIN, IOUT=300mA
Ta=–40°C ~ +85°C
±20
ppm
/°C
1
EN 高端电压
VENH
1.2
-
6.0
V
1
EN 低端电压
VENL
-
-
0.3
V
1
EN 高端电流
IENH
VEN= VIN
–0.1
-
0.1
μA
1
EN 低端电流
IENL
VEN= VSS
–0.1
-
0.1
μA
1
CL 自动放电阻抗值
RDIS
VIN=6.0V, VOUT=4.0V, VEN= VSS
-
160
-
Ω
1
(Ta=25°C 除非另有注明)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com