Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CDFP Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 33Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 34Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 35Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 36Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 37Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 38Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 39Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 40Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 4. Special Function Registers (SFRs)
REJ03B0293-0100 Rev.1.00
Page 37 of 72
Jun 25, 2010
Table 4.9
SFR Information (9) (1)
X: Undefined
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
After Reset
0200h
LCD Control Register
LCR0
00h
0201h
LCD Bias Control Register
LCR1
00h
0202h
LCD Display Control Register
LCR2
X0000000b
0203h
LCD Clock Control Register
LCR3
00h
0204h
0205h
0206h
LCD Port Select Register 0
LSE0
00h
0207h
LCD Port Select Register 1
LSE1
00h
0208h
LCD Port Select Register 2
LSE2
00h
0209h
LCD Port Select Register 3
LSE3
00h
020Ah
LCD Port Select Register 4
LSE4
00h
020Bh
LCD Port Select Register 5
LSE5
00h
020Ch
LCD Port Select Register 6
LSE6
00h
020Dh
LCD Port Select Register 7
LSE7
00h
020Eh
020Fh
0210h
LCD Display Data Register
LRA0L
XXh
0211h
LRA1L
XXh
0212h
LRA2L
XXh
0213h
LRA3L
XXh
0214h
LRA4L
XXh
0215h
LRA5L
XXh
0216h
LRA6L
XXh
0217h
LRA7L
XXh
0218h
LRA8L
XXh
0219h
LRA9L
XXh
021Ah
LRA10L
XXh
021Bh
LRA11L
XXh
021Ch
LRA12L
XXh
021Dh
LRA13L
XXh
021Eh
LRA14L
XXh
021Fh
LRA15L
XXh
0220h
LRA16L
XXh
0221h
LRA17L
XXh
0222h
LRA18L
XXh
0223h
LRA19L
XXh
0224h
LRA20L
XXh
0225h
LRA21L
XXh
0226h
LRA22L
XXh
0227h
LRA23L
XXh
0228h
LRA24L
XXh
0229h
LRA25L
XXh
022Ah
LRA26L
XXh
022Bh
LRA27L
XXh
022Ch
LRA28L
XXh
022Dh
LRA29L
XXh
022Eh
LRA30L
XXh
022Fh
LRA31L
XXh
0230h
LRA32L
XXh
0231h
LRA33L
XXh
0232h
LRA34L
XXh
0233h
LRA35L
XXh
0234h
LRA36L
XXh
0235h
LRA37L
XXh
0236h
LRA38L
XXh
0237h
LRA39L
XXh
0238h
LRA40L
XXh
0239h
LRA41L
XXh
023Ah
LRA42L
XXh
023Bh
LRA43L
XXh
023Ch
LRA44L
XXh
023Dh
LRA45L
XXh
023Eh
LRA46L
XXh
023Fh
LRA47L
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com