Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CDFP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 65Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 66Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 67Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 68Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 70Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 71Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 72Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
Package Dimensions
REJ03B0293-0100 Rev.1.00
Page 69 of 72
Jun 25, 2010
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Electronics web site.
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
Detail F
L1
L
Index mark
x
*3
*1
F
39
27
13
1
40
52
26
14
ZD
D
HD
bp
Terminal cross section
bp
b1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0052JA-A
52P6A-A
MASS[Typ.]
0.3g
P-LQFP52-10x10-0.65
1.0
0.125
0.30
1.1
1.1
0.13
0.20
0.145
0.09
0.37
0.32
0.27
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.1
10.0
9.9
D
10.1
10.0
9.9
E
1.4
A2
12.2
12.0
11.8
12.2
12.0
11.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
8°
0°
c
0.65
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
e
y
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com