Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CDFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 63Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 64Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 65Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 66Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 67Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 68Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 70Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 67 of 72
Jun 25, 2010
Figure 5.8
External Clock Input Timing Diagram
Figure 5.9
Input Timing of TRAIO
Table 5.25
External Clock Input (XIN, XCIN)
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version),
unless otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°C VCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(XIN)
XIN input cycle time
200
—
50
—
50
—
ns
tWH(XIN)
XIN input “H” width
90
—
24
—
24
—
ns
tWL(XIN)
XIN input “L” width
90
—
24
—
24
—
ns
tc(XCIN)
XCIN input cycle time
14
—
14
—
14
—
µs
tWH(XCIN)
XCIN input “H” width
7
—
7
—
7
—
µs
tWL(XCIN)
XCIN input “L” width
7
—
7
—
7
—
µs
Table 5.26
Timing Requirements of TRAIO
(VCC = 1.8 to 5.5 V, VSS = 0 V and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version),
unless otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°C VCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
500
—
300
—
100
—
ns
tWH(TRAIO)
TRAIO input “H” width
200
—
120
—
40
—
ns
tWL(TRAIO)
TRAIO input “L” width
200
—
120
—
40
—
ns
External
Clock Input
tWH(XIN),
tWH(XCIN)
tC(XIN), tC(XCIN)
tWL(XIN), tWL(XCIN)
TRAIO input
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com