Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-I/ML Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 35Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 36Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 37Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 38Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 39Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 40Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 41Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 42Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 39
PIC16F/LF720/721
4.3
Interrupts During Sleep
Some interrupts can be used to wake from Sleep. To
wake from Sleep, the peripheral must be able to
operate without the system clock. The interrupt source
must have the appropriate Interrupt Enable bit(s) set
prior to entering Sleep.
On waking from Sleep, if the GIE bit is also set, the
processor will branch to the interrupt vector. Otherwise,
the processor will continue executing instructions after
the SLEEP instruction. The instruction directly after the
SLEEP
instruction will always be executed before
branching to the ISR. Refer to the Section 19.0
“Power-Down Mode (Sleep)” for more details.
4.4
INT Pin
The
external
interrupt,
INT
pin,
causes
an
asynchronous, edge-triggered interrupt. The INTEDG bit
of the OPTION register determines on which edge the
interrupt will occur. When the INTEDG bit is set, the
rising edge will cause the interrupt. When the INTEDG
bit is clear, the falling edge will cause the interrupt. The
INTF bit of the INTCON register will be set when a valid
edge appears on the INT pin. If the GIE and INTE bits
are also set, the processor will redirect program
execution to the interrupt vector. This interrupt is
disabled by clearing the INTE bit of the INTCON register.
4.5
Context Saving
When an interrupt occurs, only the return PC value is
saved to the stack. If the ISR modifies or uses an
instruction that modifies key registers, their values
must be saved at the beginning of the ISR and restored
when the ISR completes. This prevents instructions
following the ISR from using invalid data. Examples of
key registers include the W, STATUS, FSR and
PCLATH registers.
The code shown in Example 4-1 can be used to do the
following.
• Save the W register
• Save the STATUS register
• Save the PCLATH register
• Execute the ISR program
• Restore the PCLATH register
• Restore the STATUS register
• Restore the W register
Since most instructions modify the W register, it must
be saved immediately upon entering the ISR. The
SWAPF
instruction is used when saving and restoring
the W and STATUS registers because it will not affect
any bits in the STATUS register. It is useful to place
W_TEMP
in shared memory because the ISR cannot
predict which bank will be selected when the interrupt
occurs.
The processor will branch to the interrupt vector by
loading the PC with 0004h. The PCLATH register will
remain unchanged. This requires the ISR to ensure
that the PCLATH register is set properly before using
an instruction that causes PCLATH to be loaded into
the PC. See Section 2.3 “PCL and PCLATH” for
details on PC operation.
EXAMPLE 4-1:
SAVING W, STATUS AND PCLATH REGISTERS IN RAM
Note:
The microcontroller does not normally
require saving the PCLATH register.
However, if computed GOTOs are used,
the PCLATH register must be saved at the
beginning of the ISR and restored when
the ISR is complete to ensure correct
program flow.
MOVWF W_TEMP
;Copy W to W_TEMP register
SWAPF STATUS,W
;Swap status to be saved into W
;Swaps are used because they do not affect the status bits
BANKSELSTATUS_TEMP ;Select regardless of current bank
MOVWF STATUS_TEMP
;Copy status to bank zero STATUS_TEMP register
MOVF
PCLATH,W
;Copy PCLATH to W register
MOVWF
PCLATH_TEMP
;Copy W register to PCLATH_TEMP
:
:(ISR)
;Insert user code here
:
BANKSELSTATUS_TEMP ;Select regardless of current bank
MOVF
PCLATH_TEMP,W;
MOVWF
PCLATH
;Restore PCLATH
SWAPF STATUS_TEMP,W ;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF STATUS
;Move W into STATUS register
SWAPF W_TEMP,F
;Swap W_TEMP
SWAPF W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com