Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-I/ML Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 59Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 60Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 61Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 62Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 63Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 64Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 65Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 66Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 63
PIC16F/LF720/721
REGISTER 6-12:
TRISC: PORTC TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISC<7:0>: PORTC Tri-State Control bits
1
= PORTC pin configured as an input (tri-stated)
0
= PORTC pin configured as an output
REGISTER 6-13:
ANSELC: ANALOG SELECT REGISTER FOR PORTC
R/W-1
R/W-1
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
ANSC7
ANSC6
—
—
ANSC3
ANSC2
ANSC1
ANSC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
ANSC<7:6>: Analog Select between Analog or Digital Function on Pins RB<7:6>, respectively
0
=
Digital I/O. Pin is assigned to port or digital special function.
1
=
Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
ANSC<3:0>: Analog Select between Analog or Digital Function on Pins RC<3:0>, respectively
0
=
Digital I/O. Pin is assigned to port or digital special function.
1
=
Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note 1: Setting a pin to an analog input automatically disables the digital input circuitry. Weak pull-ups, if available,
are unaffected. The corresponding TRIS bit must be set to Input mode by the user in order to allow external
control of the voltage on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com