Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-I/ML Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 65Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 66Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 67Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 68Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 69Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 70Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 71Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 72Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 69
PIC16F/LF720/721
7.4
Oscillator Control
The Oscillator Control (OSCCON) register (Figure 7-1)
displays the status and allows frequency selection of the
internal
oscillator
(INTOSC)
system
clock.
The
OSCCON register contains the following bits:
• Frequency selection bits (IRCF)
• Status Locked bits (ICSL)
• Status Stable bits (ICSS)
REGISTER 7-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
U-0
R/W-1
R/W-0
R-q
R-q
U-0
U-0
—
—
IRCF1
IRCF0
ICSL
ICSS
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
q = Value depends on condition
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
IRCF<1:0>: Internal Oscillator Frequency Select bits
When PLLEN = 1 (16 MHz HFINTOSC)
11
=16 MHz
10
= 8 MHz (POR value)
01
=4 MHz
00
=2 MHz
When PLLEN = 0 (500 kHz MFINTOSC)
11
= 500 kHz
10
= 250 kHz (POR value)
01
= 125 kHz
00
= 62.5 kHz
bit 3
ICSL: Internal Clock Oscillator Status Locked bit (2% Stable)
1
= 16 MHz/500 kHz internal oscillator is in lock
0
= 16 MHz/500 kHz internal oscillator has not yet locked
bit 2
ICSS: Internal Clock Oscillator Status Stable bit (0.5% Stable)
1
= 16 MHz/500 kHz internal oscillator has stabilized to its maximum accuracy
0
= 16 MHz/500 kHz internal oscillator has not yet reached its maximum accuracy
bit 1-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com