Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-I/ML Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 158Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 159Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 160Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 161Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 162Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 163Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 164Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 165Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 162
 2010 Microchip Technology Inc.
FIGURE 18-1:
FLASH PROGRAM MEMORY READ CYCLE EXECUTION – NORMAL MODE
18.2
Code Protection
When the device is code-protected, the CPU may
continue to read and write the Flash program memory.
Depending on the settings of the Flash program
memory enable (WRT<1:0>) bits, the device may or
may not be able to write certain blocks of the program
memory. However, reads of the program memory are
allowed.
When the Flash program memory Code Protection
(CP) bit in the Configuration Word register is enabled,
the program memory is code-protected, and the device
programmer (ICSP™) cannot access data or program
memory.
18.3
PMADRH and PMADRL Registers
The PMADRH:PMADRL register pair can address up
to a maximum of 4K words of program Flash. The Most
Significant Byte (MSB) of the address is written to the
PMADRH register and the Least Significant Byte (LSB)
is written to the PMADRL register.
18.4
PMCON1 and PMCON2 Registers
PMCON1 is the control register for the data program
memory accesses.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, but only set
in software. They are cleared in hardware at the
completion of the read or write operation. The inability
to clear the WR bit in software prevents the accidental
premature termination of a write operation. Setting the
control bit WR initiates a write operation. For program
memory writes, WR initiates a write cycle if FREE = 0
and an erase cycle if FREE = 1.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. PMCON2 is not a
physical register. Reading PMCON2 will read all ‘0’s.
The PMCON2 register is used exclusively in the Flash
memory write sequence.
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
BSF PMCON1, RD
Executed here
Forced NOP
Executed here
Forced NOP
Executed here
PC
PC + 1
PMADRH, PMADRL
PC+3
PC + 5
Flash ADDR
RD bit
INSTR (PC)
PMDATH, PMDATL
INSTR (PC + 3)
PC + 4
INSTR (PC + 4)
INSTR (PC + 1)
INSTR (PC - 1)
Executed here
INSTR (PC + 3)
Executed here
INSTR (PC + 4)
Executed here
Flash DATA
PMDATH
PMDATL
Register
Force
NOP
Stop
PC
Note:
Code-protect does not affect the CPU
from performing a read operation on the
program memory. For more information,
refer to Section 8.2 “Code Protection”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com