Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 55Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 56Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 57Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 58Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 59Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 60Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 61Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 62Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 59
PIC16F/LF720/721
6.2.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the SSP, I2C™ or interrupts, refer to the
appropriate section in this data sheet.
6.2.4.1
RB4/AN10/SDI/SDA
Figure 6-7 shows the diagram for this pin. The RB4 pin
is configurable to function as one of the following:
• General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
• Analog input for the A/D
• Synchronous Serial Port Input (SPI)
•I2C data I/O
6.2.4.2
RB5/AN11/RX/DT
Figure 6-8 shows the diagram for this pin. The RB5 pin
is configurable to function as one of the following:
• General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
• Analog input for the A/D
• USART asynchronous receive
• USART synchronous receive
6.2.4.3
RB6/SCK/SCL
Figure 6-9 shows the diagram for this pin. The RB6 pin
is configurable to function as one of the following:
• General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
• Synchronous Serial Port clock for both SPI and
I2C
6.2.4.4
RB7/TX/CK
Figure 6-10 shows the diagram for this pin. The RB7
pin is configurable to function as one of the following:
• General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
• USART asynchronous transmit
• USART synchronous clock
FIGURE 6-7:
BLOCK DIAGRAM OF RB4
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUB
RD
WPUB
RD PORTB
RD
PORTB
WR
PORTB
WR
TRISB
RD
TRISB
WR
IOCB
RD
IOCB
Interrupt-on-
To SSP
Analog(1)
Input mode
RABPU
Analog(1)
Input mode
Change
Q3
To A/D Converter
ST
SSPEN
0
1
1
0
Note
1:
ANSEL determines Analog Input mode.
0
1
1
0
SSP
From
SSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com