Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 67Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 68Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 69Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 70Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 71Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 72Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 73Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 74Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 71
PIC16F/LF720/721
7.6
External Clock Modes
7.6.1
EC MODE
The External Clock (EC) mode allows an externally
generated logic level as the system clock source. When
operating in this mode, an external clock source is
connected to the CLKOUT input and the CLKIN is
available for general purpose I/O. Figure 7-2 shows the
pin connections for EC mode.
FIGURE 7-2:
EXTERNAL CLOCK (EC)
MODE OPERATION
CLKIN
CLKOUT
I/O
Clock from
Ext. System
PIC® MCU
TABLE 7-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets(1)
CONFIG1(1)
—
CP
MCLRE
PWRTE
WDTEN
—FOSC1
FOSC0
—
—
OSCCON
—
—
IRCF1
IRCF0
ICSL
ICSS
—
—
--10 qq--
--10 qq--
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
--uu uuuu
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators.
Note
1:
See Configuration Word 1 (Register 8-1) for operation of all bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com