Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 71Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 72Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 73Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 74Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 75Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 76Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 77Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 78Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 75
PIC16F/LF720/721
REGISTER 8-2:
CONFIGURATION WORD 2
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 15
bit 8
U-1
U-1
U-1
Reserved
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—
WRT1
WRT0
bit 7
bit 0
Legend:
P = Programmable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-5
Unimplemented: Read as ‘1’
bit 4
Reserved: Maintain as ‘1’
bit 3-2
Unimplemented: Read as ‘1’
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
2 kW Flash memory: PIC16F722/LF722:
11
= Write protection off
10
= 000h to 1FFh write-protected, 200h to 7FFh may be modified by EECON control
01
= 000h to 3FFh write-protected, 400h to 7FFh may be modified by EECON control
00
= 000h to 7FFh write-protected, no addresses may be modified by EECON control
4 kW Flash memory: PIC16F723/LF723:
11
= Write protection off
10
= 000h to 1FFh write-protected, 200h to FFFh may be modified by EECON control
01
= 000h to 7FFh write-protected, 800h to FFFh may be modified by EECON control
00
= 000h to FFFh write-protected, no addresses may be modified by EECON control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com