Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 111Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 112Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 113Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 114Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 115Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 116Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 117Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 118Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 115
PIC16F/LF720/721
15.3.2
PWM PERIOD
The PWM period is specified by the PR2 register of
Timer2. The PWM period can be calculated using the
formula of Equation 15-1.
EQUATION 15-1:
PWM PERIOD
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
• TMR2 is cleared
• The CCP1 pin is set. (Exception: If the PWM duty
cycle = 0%, the pin will not be set.)
• The PWM duty cycle is latched from CCPR1L into
CCPR1H.
15.3.3
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit value
to multiple registers: CCPR1L register and DC1 and B1
bits of the CCP1CON register. The CCPR1L contains
the eight MSbs and the DC1 and B1 bits of the
CCP1CON register contain the two LSbs. CCPR1L and
DC1 and B1 bits of the CCP1CON register can be
written to at any time. The duty cycle value is not latched
into CCPR1H until after the period completes (i.e., a
match between PR2 and TMR2 registers occurs). While
using the PWM, the CCPR1H register is read-only.
Equation 15-2 is used to calculate the PWM pulse
width.
Equation 15-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 15-2:
PULSE WIDTH
EQUATION 15-3:
DUTY CYCLE RATIO
The CCPR1H register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
The 8-bit timer TMR2 register is concatenated with
either the 2-bit internal system clock (FOSC), or 2 bits of
the prescaler, to create the 10-bit time base. The system
clock is used if the Timer2 prescaler is set to 1:1.
When the 10-bit time base matches the CCPR1H and
2-bit latch, then the CCP1 pin is cleared (refer to
Figure 15-3).
Note:
The
Timer2
postscaler
(refer
to
Section 14.1 “Timer2 Operation”) is not
used in the determination of the PWM
frequency.
PWM Period
PR2
 1
+
 4TOSC
=
(TMR2 Prescale Value)
Note:
TOSC = 1/FOSC
Pulse Width
CCPR1L:CCP1CON<5:4>

=
TOSC
(TMR2 Prescale Value)
Note: TOSC = 1/FOSC
Duty Cycle Ratio
CCPR1L:CCP1CON<5:4>

4PR2
1
+

-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com