Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 126Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 127Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 128Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 129Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 130Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 131Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 132Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 133Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 130
 2010 Microchip Technology Inc.
TABLE 16-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 16.0000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
—
—
—
—
—
—
——
—
——
—
1200
1221
1.73
255
1200
0.00
239
1201
0.08
207
1200
0.00
143
2400
2404
0.16
129
2400
0.00
119
2403
0.16
103
2400
0.00
71
9600
9470
-1.36
32
9600
0.00
29
9615
0.16
25
9600
0.00
17
10417
10417
0.00
29
10286
-1.26
27
10416
-0.01
23
10165
-2.42
16
19.2k
19.53k
1.73
15
19.20k
0.00
14
19.23k
0.16
12
19.20k
0.00
8
57.6k
—
—
—
57.60k
0.00
7
——
—
57.60k
0.00
2
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
—
—
—
300
0.16
207
300
0.00
191
300
0.16
51
1200
1202
0.16
103
1202
0.16
51
1200
0.00
47
1202
0.16
12
2400
2404
0.16
51
2404
0.16
25
2400
0.00
23
—
—
—
9600
9615
0.16
12
—
—
—
9600
0.00
5
—
—
—
10417
10417
0.00
11
10417
0.00
5
—
—
—
—
—
—
19.2k
—
—
—
—
—
—
19.20k
0.00
2
—
—
—
57.6k
—
—
—
—
—
—
57.60k
0.00
0
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 16.0000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
—
—
—
——
—
9600
9615
0.16
129
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
119
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
64
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
56.82k
-1.36
21
57.60k
0.00
19
58.8k
2.12
16
57.60k
0.00
11
115.2k
113.64k
-1.36
10
115.2k
0.00
9
—
—
—
115.2k
0.00
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com