Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF720-E/ML Datasheet(PDF) 198 Page - Microchip Technology

Part # PIC16LF720-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-E/ML Datasheet(HTML) 198 Page - Microchip Technology

Back Button PIC16LF720-E/ML Datasheet HTML 194Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 195Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 196Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 197Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 198Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 199Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 200Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 201Page - Microchip Technology PIC16LF720-E/ML Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 198
 2010 Microchip Technology Inc.
TABLE 23-2:
OSCILLATOR PARAMETERS(1)
TABLE 23-1:
CLOCK OSCILLATOR TIMING REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
OS01
FOSC
External CLKIN Frequency(1)
DC
—
16
MHz
EC Oscillator mode
OS02
TOSC
External CLKIN Period(1)
63
—
ns
EC Oscillator mode
OS03
TCY
Instruction Cycle Time(1)
250
TCY
DC
ns
TCY = 4/FOSC
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing
code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current
consumption. All devices are tested to operate at “min” values with an external clock applied to CLKIN pin. When an
external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym
Characteristic
Freq
Tolerance
Min
Typ†
Max
Units
Conditions
OS08
HFOSC
Internal Calibrated HFINTOSC
Frequency(2, 3)
2%
—
16.0
—
MHz 0°C
 TA  +85°C,
VDD
2.5V
3%
—
16.0
—
MHz +60°C
 TA  +85°C,
VDD
2.5V
5%
—
16.0
—
MHz -40°C
 TA  +125°C,
VDD
2.5V
OS08
MFOSC
Internal Calibrated MFINTOSC
Frequency(2, 3)
2%
—
500
—
kHz
0°C
 TA  +85°C,
VDD
2.5V
3%
—
500
—
kHz
+60°C
 TA  +85°C,
VDD
2.5V
5%
—
500
—
kHz
-40°C
 TA  +125°C,
VDD
2.5V
OS10* TIOSC ST HFINTOSC 16 MHz and
500 kHz
Oscillator Wake-up from Sleep
Start-up Time
——
5
8
s
*
These parameters are characterized but not tested.
†
Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. All devices are tested to
operate at ‘min’ values with an external clock applied to the OSC1 pin. When an external clock input is used,
the ‘max’ cycle time limit is ‘DC’ (no clock) for all devices.
2: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1
F and 0.01 F values in parallel are recommended.
3: The frequency tolerance of the internal oscillator is ±2% from 0-60°C and ±3% from 60-85°C (see
Figure 23-6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com