Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCSP16 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # WLCSP16
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLCSP16 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button WLCSP16 Datasheet HTML 14Page - NXP Semiconductors WLCSP16 Datasheet HTML 15Page - NXP Semiconductors WLCSP16 Datasheet HTML 16Page - NXP Semiconductors WLCSP16 Datasheet HTML 17Page - NXP Semiconductors WLCSP16 Datasheet HTML 18Page - NXP Semiconductors WLCSP16 Datasheet HTML 19Page - NXP Semiconductors WLCSP16 Datasheet HTML 20Page - NXP Semiconductors WLCSP16 Datasheet HTML 21Page - NXP Semiconductors WLCSP16 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 00 — 23 June 2010
18 of 38
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
Tamb =25 °C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; external clock disabled; system PLL disabled.
[5]
BOD disabled.
[6]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to UART and SPI0/1 disabled in system configuration
block.
[7]
<tbd>; system PLL enabled.
[8]
All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0x0000 18FF.
[9]
Including voltage on outputs in 3-state mode.
[10] VDD supply voltage must be present.
[11] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[12] To VSS.
[1]
The ADC is monotonic, there are no missing codes.
IOL
LOW-level output
current
VOL =0.4 V
2.0 V
≤ V
DD ≤ 3.6 V
4
--mA
1.8 V
≤ V
DD < 2.0 V
3
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[11] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[11] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
μA
Ipu
pull-up current
VI =0V;
2.0 V
≤ V
DD ≤ 3.6 V
−15
−50
−85
μA
1.8 V
≤ V
DD < 2.0 V
−10
−50
−85
μA
VDD <VI < 5 V
000
μA
External clock input
Vi(xtal)
crystal input voltage
−0.5
1.8
1.95
V
Table 5.
Static characteristics …continued
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 6.
ADC static characteristics
Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 4.5 MHz, VDD = 2.5 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDD
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[1][2] --
± 1LSB
EL(adj)
integral non-linearity
[3] --
± 1.5
LSB
EO
offset error
[4] --
± 3.5
LSB
EG
gain error
[5] --0.6
%
ET
absolute error
[6] --
± 4LSB
Rvsi
voltage source interface
resistance
--40
k
Ω
Ri
input resistance
[7][8] --2.5
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com