Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCSP16 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # WLCSP16
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLCSP16 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button WLCSP16 Datasheet HTML 9Page - NXP Semiconductors WLCSP16 Datasheet HTML 10Page - NXP Semiconductors WLCSP16 Datasheet HTML 11Page - NXP Semiconductors WLCSP16 Datasheet HTML 12Page - NXP Semiconductors WLCSP16 Datasheet HTML 13Page - NXP Semiconductors WLCSP16 Datasheet HTML 14Page - NXP Semiconductors WLCSP16 Datasheet HTML 15Page - NXP Semiconductors WLCSP16 Datasheet HTML 16Page - NXP Semiconductors WLCSP16 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 00 — 23 June 2010
13 of 38
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
minimum output divider value is 2, it is insured that the PLL output has a 50 % duty cycle.
The PLL is turned off and bypassed following a chip reset and may be enabled by
software. The program must configure and activate the PLL, wait for the PLL to lock, and
then connect to the PLL as a clock source. The PLL settling time is 100
μs.
7.14.3 Wake-up process
The LPC1102 begin operation at power-up by using the 12 MHz IRC oscillator as the
clock source. This allows chip operation to resume quickly. If an external clock or the PLL
is needed by the application, software will need to enable these features and wait for them
to stabilize before they are used as a clock source.
7.14.4 Power control
The LPC1102 support a variety of power control features. There are two special modes of
processor power reduction: Sleep mode and Deep-sleep mode. The CPU clock rate may
also be controlled as needed by changing clock sources, reconfiguring PLL values, and/or
altering the CPU clock divider value. This allows a trade-off of power versus processing
speed based on application requirements. In addition, a register is provided for shutting
down the clocks to individual on-chip peripherals, allowing fine tuning of power
consumption by eliminating all dynamic power use in any peripherals that are not required
for the application. Selected peripherals have their own clock divider which provides even
better power control.
7.14.4.1
Sleep mode
When Sleep mode is entered, the clock to the core is stopped. Resumption from the Sleep
mode does not need any special sequence but re-enabling the clock to the ARM core.
In Sleep mode, execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during Sleep mode and may generate
interrupts to cause the processor to resume execution. Sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.
7.14.4.2
Deep-sleep mode
In Deep-sleep mode, the chip is in Sleep mode, and in addition all analog blocks are shut
down except for the watchdog oscillator and the BOD circuit, which can be configured to
remain running in Deep-sleep mode to allow a reset initiated by a timer or BOD event.
Deep-sleep mode allows for additional power savings.
The GPIO pins (6 pins total, see Table 3) serve as external wake-up pins to a dedicated
start logic to wake up the chip from Deep-sleep mode.
The clock source should be switched to IRC before entering Deep-sleep mode unless the
watchdog oscillator remains running in Deep-sleep mode. The IRC can be switched on
and off glitch-free and provides a clean clock signal after start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com