Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLCSP16 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # WLCSP16
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLCSP16 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button WLCSP16 Datasheet HTML 18Page - NXP Semiconductors WLCSP16 Datasheet HTML 19Page - NXP Semiconductors WLCSP16 Datasheet HTML 20Page - NXP Semiconductors WLCSP16 Datasheet HTML 21Page - NXP Semiconductors WLCSP16 Datasheet HTML 22Page - NXP Semiconductors WLCSP16 Datasheet HTML 23Page - NXP Semiconductors WLCSP16 Datasheet HTML 24Page - NXP Semiconductors WLCSP16 Datasheet HTML 25Page - NXP Semiconductors WLCSP16 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 00 — 23 June 2010
22 of 38
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
Conditions: Tamb = 25 °C; active mode entered executing code while(1){} from flash; all
peripherals disabled in the SYSAHBCLKCTRL register (SYSAHBCLKCTRL= 0x1F); all peripheral
clocks disabled; internal pull-up resistors disabled; BOD disabled.
(1) System PLL disabled; IRC enabled.
(2) System PLL enabled; IRC disabled.
Fig 6.
Active mode: Typical supply current IDD versus supply voltage VDD for different
system clock frequencies
Conditions: VDD = 3.3 V; active mode entered executing code while(1){} from flash; all
peripherals disabled in the SYSAHBCLKCTRL register (SYSAHBCLKCTRL= 0x1F); all peripheral
clocks disabled; internal pull-up resistors disabled; BOD disabled.
(1) System PLL disabled; IRC enabled.
(2) System PLL enabled; IRC disabled.
Fig 7.
Active mode: Typical supply current IDD versus temperature for different system
clock frequencies
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com