Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3535TME Datasheet HTML 1Page - National Semiconductor (TI) LM3535TME Datasheet HTML 2Page - National Semiconductor (TI) LM3535TME Datasheet HTML 3Page - National Semiconductor (TI) LM3535TME Datasheet HTML 4Page - National Semiconductor (TI) LM3535TME Datasheet HTML 5Page - National Semiconductor (TI) LM3535TME Datasheet HTML 6Page - National Semiconductor (TI) LM3535TME Datasheet HTML 7Page - National Semiconductor (TI) LM3535TME Datasheet HTML 8Page - National Semiconductor (TI) LM3535TME Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Absolute Maximum Ratings (Note 1, Note
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN pin voltage
-0.3V to 6.0V
SCL, SDIO, HWEN, PWM pin
voltages
-0.3V to (V
IN+0.3V)
w/ 6.0V max
I
Dxx Pin Voltages
-0.3V to
(V
VOUT+0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150°C
Storage Temperature Range
-65°C to +150° C
Maximum Lead Temperature
(Soldering)
(Note 4)
ESD Rating(Note 5)
Human Body Model
2.0kV
Operating Rating
(Note 1, Note 2)
Input Voltage Range
2.7V to 5.5V
LED Voltage Range
2.0V to 4.0V
Junction Temperature (T
J) Range
-30°C to +110°C
Ambient Temperature (T
A) Range
(Note 6)
-30°C to +85°C
Thermal Properties
Junction-to-Ambient Thermal
Resistance (
θ
JA),
TMD20 Package
(Note 7)
40°C/W
Electrical Characteristics (Note 2, Note 8)
Limits in standard typeface are for T
A = 25°C, and limits in boldface type apply over the full operating temperature range (-30°C to
+85°C). Unless otherwise specified: V
IN = 3.6V; VHWEN = VIN; VPWM = 0V;VDxA = VDxB = VDxC = 0.4V; GroupA = GroupB = GroupC
= Fullscale Current; ENxA, ENxB, ENxC Bits = “1”; 53A, 62A Bits = "0"; C1 = C2 = C
IN= COUT= 1.0µF. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Dxx
Output Current Regulation
GroupA
2.7V
≤ V
IN ≤ 5.5V
EN1A to EN4A = '1', 53A = 62A = '0'', EN53
= EN62 = ENxB = ENxC = '0'
4 LEDs in GroupA
23.6
(-5.6%)
25
26.3
(+5.2%)
mA
(%)
2.7V
≤ V
IN ≤ 5.5V
EN1A to EN4A = EN53 = EN62 = '1', 53A =
62A = '1'', ENxB = ENxC = '0'
6 LEDs in GroupA
23.2
(-7.2%)
25
26.3
(+5.2%)
mA
(%)
Output Current Regulation
GroupB
2.7V
≤ V
IN ≤ 5.5V
EN1B = EN53 = EN62 = '1', 53A = 62A = '0',
ENxA = ENC = '0'
3 LEDs in GroupB
23.3
(-6.8%)
25
26.0
(+4.0%)
mA
(%)
Output Current Regulation
IDC
2.7V
≤ V
IN ≤ 5.5V
ENC = '1', ENxA = ENxB = '0'
23.8
(-4.8%)
25
26.8
(+7.2%)
mA
(%)
Output Current Regulation
GroupA, GroupB, and GroupC
Enabled
3.2V
≤ V
IN ≤ 5.5V
V
LED = 3.6V
25
DxA
mA
25
DxB
25
DxC
I
Dxx-
MATCH
LED Current Matching(Note 10)
2.7V
≤ V
IN ≤ 5.5V
GroupA (4 LEDs)
0.25
2.40
%
GroupA (6 LEDs)
0.55
2.78
GroupB (3 LEDs)
0.25
2.41
V
DxTH
V
Dxx 1x to 3/2x Gain Transition
Threshold
V
DxA and/or VDxB Falling
130
mV
V
HR
Current sink Headroom Voltage
Requirement
(Note 11)
I
Dxx = 95% ×IDxx (nom.)
(I
Dxx (nom) = 25mA)
100
mV
R
OUT
Open-Loop Charge Pump Output
Resistance
Gain = 3/2
2.4
Ω
Gain = 1
0.5
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com