Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3535TME Datasheet HTML 1Page - National Semiconductor (TI) LM3535TME Datasheet HTML 2Page - National Semiconductor (TI) LM3535TME Datasheet HTML 3Page - National Semiconductor (TI) LM3535TME Datasheet HTML 4Page - National Semiconductor (TI) LM3535TME Datasheet HTML 5Page - National Semiconductor (TI) LM3535TME Datasheet HTML 6Page - National Semiconductor (TI) LM3535TME Datasheet HTML 7Page - National Semiconductor (TI) LM3535TME Datasheet HTML 8Page - National Semiconductor (TI) LM3535TME Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Q
Quiescent Supply Current
Gain = 3/2, No Load
2.86
4.38
mA
Gain = 1, No Load
1.09
2.31
I
SB
Standby Supply Current
2.7V
≤ V
IN ≤ 5.5V
HWEN = V
IN, All ENx bits = "0"
1.7
4.0
µA
I
SD
Shutdown Supply Current
2.7V
≤ V
IN ≤ 5.5V
HWEN = 0V, All ENx bits = "0"
1.7
4.0
µA
f
SW
Switching Frequency
1.10
1.33
1.56
MHz
t
START
Start-up Time
V
OUT = 90% steady state
250
µs
V
ALS
ALS Reference Voltage Accuracy
0.95
(-5%)
1
1.05
(+5%)
V
R
ALS
ALS Resistor Accuracy
R
ALSA = 9.08kΩ
-5
+5
%
R
ALSA = 5.46kΩ
-5
+5
R
ALSB = 9.13kΩ
-5
+5
R
ALSB = 5.52kΩ
-5
+5
V
HWEN
HWEN Voltage Thresholds
2.7V
≤ V
IN ≤ 5.5V
Reset
0
0.45
V
Normal Operation
1.2
V
IN
V
PWM
PWM Voltage Thresholds
2.7V
≤ V
IN ≤ 5.5V
Diodes Off
0
0.45
V
Diodes On
1.2
V
IN
V
OL-INT
Interrupt Output Logic Low '0'
I
LOAD = 3mA
400
mV
I2C Compatible Interface Voltage Specifications (SCL, SDIO)
V
IL
Input Logic Low '0'
2.7V
≤ V
IN ≤ 5.5V
0
0.45
V
V
IH
Input Logic High '1'
2.7V
≤ V
IN ≤ 5.5V
1.225
V
IN
V
V
OL
SDIO Output Logic Low '0'
I
LOAD = 3mA
400
mV
I2C Compatible Interface Timing Specifications (SCL, SDIO)(Note 12)
t
1
SCL (Clock Period)
(Note 13)
2.5
µs
t
2
Data In Setup Time to SCL High
100
ns
t
3
Data Out stable After SCL Low
0
ns
t
4
SDIO Low Setup Time to SCL Low
(Start)
100
ns
t
5
SDIO High Hold Time After SCL High
(Stop)
100
ns
30082413
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation
of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions,
see the Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com